| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7F100LLL3CFB bảng dữ liệu(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7F100LLL3CFB bảng dữ liệu(HTML) 83 Page - Renesas Technology Corp |
|
83 / 148 page ![]() RL78/L23 2. Electrical Characteristics R01DS0502EJ0110 Rev.1.10 Page 83 of 145 Oct 31, 2025 Connection in the UART communications with devices operating at same voltage levels Bit width in the UART communications when interfacing devices operate at the same voltage level (reference) Remark 1. q: UART number (q = 0 to 3), g: PIM and POM number (g = 0 to 9, 12 to 14) Remark 2. fMCK: Serial array unit operation clock frequency To set this operating clock, set the CKSmn bit in the serial mode register mn (SMRmn) (m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13). TxDq RxDq User device Rx Tx RL78 microcontroller Baud rate error tolerance TxDq RxDq High-/low-bit width 1/Transfer rate |