công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLL3CFB bảng dữ liệu(PDF) 60 Page - Renesas Technology Corp

tên linh kiện R7F100LLL3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB bảng dữ liệu(HTML) 60 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 56Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 57Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 58Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 59Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 60Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 61Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 62Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 63Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 60 of 145
Oct 31, 2025
2.3.2
Supply current characteristics
1. 44- to 64-pin products with 256- to 512-Kbyte code flash memory and 80- to 100-pin products
Note 1. The listed currents are the total currents flowing into VDD, including the input leakage currents flowing when the level of the
input pin is fixed to VDD, VSS, or EVSS. In the HS (high-speed main), LS (low-speed main), and LP (low-power main) modes,
the currents in the Typ. column do not include the operating currents of the peripheral modules. The currents in the Max.
column include the operating currents of the PCLBUZ, TAU, SAU, and IICA modules. The operating currents of other
peripheral modules are not included.
Note 2. The listed currents apply when the high-speed system clock, middle-speed on-chip oscillator, low-speed on-chip oscillator,
and subsystem clock are stopped.
Note 3. The listed currents apply when the high-speed on-chip oscillator, high-speed system clock, low-speed on-chip oscillator, and
subsystem clock are stopped.
(Note and Remarks are listed on the next page.)
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/4)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Supply
current
Note 1
IDD1
Operating
mode
HS
(high-speed main)
mode
fIH = 32 MHzNote 2
Basic
operation
VDD = 5.0 V
1.6
—
mA
VDD = 1.8 V
1.6
—
Normal
operation
VDD = 5.0 V
3.5
5.9
mA
VDD = 1.8 V
3.5
5.9
LS
(low-speed main)
mode
fIH = 24 MHzNote 2
Normal
operation
VDD = 5.0 V
2.6
4.5
mA
VDD = 1.8 V
2.6
4.5
fIH = 16 MHzNote 2
Normal
operation
VDD = 5.0 V
1.9
3.2
mA
VDD = 1.8 V
1.9
3.2
fIM = 4 MHzNote 3
Normal
operation
VDD = 5.0 V
0.5
0.9
mA
VDD = 1.6 V
0.5
0.9
LP
(low-power main)
mode
fIM = 2 MHzNote 3
Normal
operation
VDD = 5.0 V
227
379
µA
VDD = 1.6 V
226
378
fIM = 1 MHzNote 3
Normal
operation
VDD = 5.0 V
126
205
µA
VDD = 1.6 V
125
204
HS
(high-speed main)
mode
fMX = 20 MHzNote 4,
Square wave input
Normal
operation
VDD = 5.0 V
2.3
3.8
mA
VDD = 1.8 V
2.2
3.8
LS
(low-speed main)
mode
fMX = 20 MHzNote 4,
Square wave input
Normal
operation
VDD = 5.0 V
2.2
3.7
mA
VDD = 1.8 V
2.1
3.6
fMX = 20 MHzNote 4,
Resonator connection
Normal
operation
VDD = 5.0 V
2.3
3.9
mA
VDD = 1.8 V
2.3
3.8
fMX = 10 MHzNote 4,
Square wave input
Normal
operation
VDD = 5.0 V
1.1
1.9
mA
VDD = 1.8 V
1.1
1.9
fMX = 10 MHzNote 4,
Resonator connection
Normal
operation
VDD = 5.0 V
1.2
2.1
mA
VDD = 1.8 V
1.2
2.1
fMX = 8 MHzNote 4,
Square wave input
Normal
operation
VDD = 5.0 V
0.9
1.5
mA
VDD = 1.8 V
0.9
1.5
fMX = 8 MHzNote 4,
Resonator connection
Normal
operation
VDD = 5.0 V
1.0
1.7
mA
VDD = 1.8 V
1.0
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com