công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLL3CFB bảng dữ liệu(PDF) 55 Page - Renesas Technology Corp

tên linh kiện R7F100LLL3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB bảng dữ liệu(HTML) 55 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 51Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 52Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 53Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 54Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 55Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 56Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 57Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 58Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 55 of 145
Oct 31, 2025
Caution
The maximum value of VIH of the following pins is VDD, even in the N-ch open-drain mode: P00 to P07, P10, P11,
P16, P17, P22, P26, P27, P33 to P35, P40 to P47, P50, P52 to P54, P64 to P66, P75 to P77, P80 to P87, P93 to P97,
P125, P130, P140, and P143 to P147.
Remark
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless otherwise
specified.
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(3/7)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Input voltage, high
VIH1
P00 to P07, P10 to P17,
P22 to P27, P30 to P35,
P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P90 to P97,
P125 to P127, P140 to P147
Normal input buffer
0.8 VDD
VDD
V
VIH2
P02, P03, P05, P06, P11, P16,
P17, P22, P26, P27, P33, P34,
P40 to P47, P51, P53, P54,
P64 to P66, P75, P76,
P80 to P86, P93, P94, P96, P97,
P125, P140 to P142,
P144 to P147
TTL input buffer
4.0 V ≤ VDD ≤ 5.5 V
2.2
VDD
V
TTL input buffer
3.3 V ≤ VDD < 4.0 V
2.0
VDD
V
TTL input buffer
1.6 V ≤ VDD < 3.3 V
1.5
VDD
V
VIH3
P20, P21
0.7 VDD
VDD
V
VIH4
P60 to P63
0.7 VDD
6.0
V
VIH5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0.8 VDD
VDD
V
Input voltage, low
VIL1
P00 to P07, P10 to P17,
P22 to P27, P30 to P35,
P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P90 to P97,
P125 to P127, P140 to P147
Normal input buffer
0
0.2 VDD
V
VIL2
P02, P03, P05, P06, P11, P16,
P17, P22, P26, P27, P33, P34,
P40 to P47, P51, P53, P54,
P64 to P66, P75, P76,
P80 to P86, P93, P94, P96, P97,
P125, P140 to P142,
P144 to P147
TTL input buffer
4.0 V ≤ VDD ≤ 5.5 V
00.8
V
TTL input buffer
3.3 V ≤ VDD < 4.0 V
00.5
V
TTL input buffer
1.6 V ≤ VDD < 3.3 V
00.32
V
VIL3
P20, P21
0
0.3 VDD
V
VIL4
P60 to P63
0
0.3 VDD
V
VIL5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0
0.2 VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com