công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2AFDCAC bảng dữ liệu(PDF) 99 Page - Renesas Technology Corp

tên linh kiện R7KA8D2AFDCAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC bảng dữ liệu(HTML) 99 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 95Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 96Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 97Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 98Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 99Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 100Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 101Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 102Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 292 page
background image
SfVCC2
VPOR1
dt/dVCC
(VBAT enable case)
power on
period
operation period
power off period
(VBAT disable case)
SrVCC
SfVCC1
Figure 2.24
VCC rising and falling waveform
2.2.7
Power Supply Rise Gradient
Table 2.42
VCC_USB rise gradient characteristics at power on
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
VCC_USB rising gradient at power
on
SrVCC_U
SB
8.4
—
—
μs/V
—
Table 2.43
VCC_USBHS and AVCC_USBHS rise gradient characteristics at power on
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
VCC_USBHS (=AVCC_USBHS)
rising gradient at power on
SrVCC_U
SBHS
8.4
—
—
μs/V
—
Table 2.44
VCC18_MIPI and AVCC_MIPI rise gradient characteristics at power on
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
VCC18_MIPI rising gradient at
power on
SrVCC18_
MIPI
8.4
—
—
μs/V
—
AVCC_MIPI rising gradient at power
on
SrAVCC_
MIPI
8.4
—
—
μs/V
—
2.2.8
Thermal Characteristics
Maximum value of junction temperature (Tj) must not exceed the value of section 2.2.1. Tj/Ta Definition.
Tj is calculated by either of the following equations.
● Tj = Ta + θja × Total power consumption
● Tj = Tt + Ψjt × Total power consumption
– Tj : Junction Temperature (°C)
– Ta : Ambient Temperature (°C)
– Tt : Top Center Case Temperature (°C)
– θja : Thermal Resistance of “Junction”-to-“Ambient” (°C/W)
– Ψjt : Thermal Resistance of “Junction”-to-“Top Center Case” (°C/W)
● Total power consumption = Voltage × (Leakage current + Dynamic current)
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 99 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com