công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2AFDCAC bảng dữ liệu(PDF) 57 Page - Renesas Technology Corp

tên linh kiện R7KA8D2AFDCAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC bảng dữ liệu(HTML) 57 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 53Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 54Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 55Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 56Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 57Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 58Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 59Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 60Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 292 page
background image
Table 2.7
I/O VOH, VOL, and other characteristics (3 of 3)
Parameter
VCC/
VCC2/
AVCC0/
VCC_US
B
Symbol
Min
Typ Max
Unit
Test conditions
Input leakage
current
RES
1.62 V or
above
|Iin|
—
—
5
µA
Vin = 0 V
Vin = 5.5 V
Port P200,
P214,
P215
1.62 V or
above
—
—
1
Vin = 0 V
Vin = VCC
Three-state
leakage
current (off
state)
5 V-
tolerant
ports
1.62 V or
above
|ITSI|
—
—
5
µA
Vin = 0 V
Vin = 5.5 V
Other
ports
(except for
port P200,
P214,
P215)
1.62 V or
above
—
—
1
Vin = 0 V
Vin = VCC, VCC2, AVCC0, VCC_USB
Input pull-up
MOS current
Ports P0
to PD
2.70 V or
above
Ip
−300
—
−10
µA
VCC, VCC2, AVCC0, VCC_USB = 2.7
to 3.63 V
Vin = 0 V
1.62 V or
above
−300
—
−5
VCC, VCC2, AVCC0, VCC_USB =
1.62 to 3.63 V
Vin = 0 V
Pull-up
current
serving as
the SCL
current
source
I3C*3
3.00 to
3.63 V
Ics
3
—
12
mA
VCC = 3.0 to 3.63 V
Vin = 0.3 × VCC to 0.7 × VCC
1.65 to
1.95 V
VCC = 1.65 to 1.95 V
Vin = 0.3 × VCC to 0.7 × VCC
Input
capacitance
Ports
P014,
P015
—
Cin
—
—
16
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
Ports
P814/
USB_DP,
P815/
USB_DM
—
—
—
12
Ports
P400,
P401,
P409,
P410,
P511,
P512,
P708,
P709,
USBHS_D
P,
USBHS_D
M,
MIPI_DL0
_P,
MIPI_DL0
_N
—
—
—
10
Other
input pins
—
—
—
8
Note 1. SCL0_A, SDA0_A, SCL1_A, SDA1_A, SCL2_A, SDA2_A (total 6 pins).
Note 2. This is the value when high speed high driving ability is selected in the Port Drive Capability bit in the PmnPFS register.
The selected driving ability is retained in Deep Software Standby mode.
Note 3. I3C_SCL0 (1 pin). This is the value when IIC high speed mode is selected.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 57 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com