công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2AFDCAC bảng dữ liệu(PDF) 59 Page - Renesas Technology Corp

tên linh kiện R7KA8D2AFDCAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC bảng dữ liệu(HTML) 59 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 55Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 56Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 57Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 58Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 59Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 60Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 61Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 62Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 292 page
background image
Table 2.8
Current of high-speed mode, maximum condition (MVE and peripheral operation) (DCDC
mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C
Supply
current
*1 *2*5
—
ICC
3.85
6.27
6.69
mA
—
CPUCL
K0 = 1
GHz
CPUCL
K1 =
250
MHz
VSCR_
1
VCC_DCDC
≥ 2.5V
ICC_DCDC *4
183
358
—
mA
VCC_DCDC = 3.3 V
MRICLK = 250 MHz, MRPCLK = 125 MHz,
ICLK = 250 MHz, BCLK = 125 MHz, PCLKA =
125 MHz, PCLKB = 62.5 MHz, PCLKC = 125
MHz, PCLKD = 250 MHz, PCLKE = 250 MHz
IDD *3
469
918
—
VCC_DCDC
< 2.5V
ICC_DCDC *4
357
698
—
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
469
918
—
CPUCL
K0 =
800
MHz
CPUCL
K1 =
200
MHz
VSCR_
1
VCC_DCDC
≥ 2.5V
ICC_DCDC *4
153
—
373
mA
VCC_DCDC = 3.3 V
MRICLK = 200 MHz, MRPCLK = 100 MHz,
ICLK = 200 MHz, BCLK = 100 MHz, PCLKA
= 100 MHz, PCLKB = 50 MHz, PCLKC = 100
MHz, PCLKD = 200 MHz, PCLKE = 200 MHz
IDD *3
394
—
957
VCC_DCDC
< 2.5V
ICC_DCDC *4
299
—
728
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
394
—
957
CPUCL
K0 =
600
MHz
CPUCL
K1 =
150
MHz
VSCR_
2
VCC_DCDC
≥ 2.5V
ICC_DCDC *4
119
294
323
mA
VCC_DCDC = 3.3 V
MRICLK = 150 MHz, MRPCLK = 75 MHz, ICLK
= 150 MHz, BCLK = 75 MHz, PCLKA = 75 MHz,
PCLKB = 37.5 MHz, PCLKC = 75 MHz, PCLKD
= 150 MHz, PCLKE = 150 MHz
IDD *3
312
769
845
VCC_DCDC
< 2.5V
ICC_DCDC *4
233
574
630
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
312
769
845
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions and peripherals being operated. This does not include the BGO
operation.
Note 3. IDD depends on f (CPUCLK0 and ICLK) as follows. The ICLK items in the formula include CPU1 current.
IDD Typ. = 0.25 × fCPUCLK0 + 0.87 × fICLK + 21 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 95℃) = 0.22 × fCPUCLK0 + 1.07 × fICLK + 490 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 105℃) = 0.22 × fCPUCLK0 + 1.07 × fICLK + 549 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 95℃) = 0.22 × fCPUCLK0 + 1.09 × fICLK + 477 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 105℃) = 0.22 × fCPUCLK0 + 1.09 × fICLK + 552 (unit : mA, fCPUCLK0 and fICLK are MHz)
Note 4. Typical DCDC efficiency and the voltage of the test conditions are applied.
Note 5. The power consumption is calculated as Power = VCC × Icc + VCC_DCDC × Icc_DCDC.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 59 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com