công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS134 bảng dữ liệu(PDF) 5 Page - Bridgelux, Inc.

tên linh kiện DS134
Giải thích chi tiết về linh kiện  EB Series™ Gen 3 High Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BRIDGELUX [Bridgelux, Inc.]
Trang chủ  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS134 bảng dữ liệu(HTML) 5 Page - Bridgelux, Inc.

  DS134 Datasheet HTML 1Page - Bridgelux, Inc. DS134 Datasheet HTML 2Page - Bridgelux, Inc. DS134 Datasheet HTML 3Page - Bridgelux, Inc. DS134 Datasheet HTML 4Page - Bridgelux, Inc. DS134 Datasheet HTML 5Page - Bridgelux, Inc. DS134 Datasheet HTML 6Page - Bridgelux, Inc. DS134 Datasheet HTML 7Page - Bridgelux, Inc. DS134 Datasheet HTML 8Page - Bridgelux, Inc. DS134 Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Electrical Characteristics
Table 3: Electrical Characteristics
Part Number
Drive Current
(mA)
Forward Voltage
T
c2 = 25º C (V)
1, 2,3
Typical
Coefficient
of Forward
Voltage4
∆V
f/∆T
(mV/º C)
Driver Selection
Voltages5
(V)
Minimum
Typical
Maximum
V
f Min, Hot
T
c2 = 85º C (V)
V
f Max, Cold
T
c2 = -40º
C (V)
BXEB-L0280Z-xxy2000-C-D3
700
17.9
19.2
20.5
-7
17.4
21.0
1400
18.7
20.1
21.5
-7
18.3
22.0
BXEB-L0560Z-xxy4000-C-D3
1400
17.9
19.2
20.5
-7
17.4
21.0
2800
18.7
20.1
21.5
-7
18.3
22.0
BXEB-L1120Z-xxy8000-C-D3
1400
35.7
38.4
41.1
-14
34.9
42.0
2800
37.4
40.2
43.0
-14
36.5
43.9
Notes for Table 3:
1. Voltage minimum and maximum are provided for reference only and are not a guarantee of performance.
2. Bridgelux maintains a tolerance of
± 0.1 V on forward voltage data.
3. This product has been designed and manufactured per IEC 62031:2014. The working voltage designated for the insulation is 60 V d.c. The maximum allow-
able voltage across the module must be determined in the end product application.
4. Typical coefficient of forward voltage tolerance is
± 0.1 mV for nominal current.
5. V
f min hot and max cold values are provided as reference only and are not guaranteed. These values are provided to aid in driver design and selection over
the operating range of the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com