công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS134 bảng dữ liệu(PDF) 2 Page - Bridgelux, Inc.

tên linh kiện DS134
Giải thích chi tiết về linh kiện  EB Series™ Gen 3 High Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BRIDGELUX [Bridgelux, Inc.]
Trang chủ  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS134 bảng dữ liệu(HTML) 2 Page - Bridgelux, Inc.

  DS134 Datasheet HTML 1Page - Bridgelux, Inc. DS134 Datasheet HTML 2Page - Bridgelux, Inc. DS134 Datasheet HTML 3Page - Bridgelux, Inc. DS134 Datasheet HTML 4Page - Bridgelux, Inc. DS134 Datasheet HTML 5Page - Bridgelux, Inc. DS134 Datasheet HTML 6Page - Bridgelux, Inc. DS134 Datasheet HTML 7Page - Bridgelux, Inc. DS134 Datasheet HTML 8Page - Bridgelux, Inc. DS134 Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Product Feature Map
Bridgelux EB Series Gen 3 High Output modules are fully engineered devices that provide consistent thermal and optical
performance on an engineered mechanical platform. The linear products incorporate several features to simplify design
integration and assembly. Please visit www.bridgelux.com for more information on the EB Series family of products.
Product Nomenclature
The part number designation for Bridgelux EB Series Gen 3 Hight Output is explained as follows:
Nominal CCT
27 = 2700K
30 = 3000K
35 = 3500K
40 = 4000K
50 = 5000K
57 = 5700K
65 = 6500K
1 2 3 4 - 5 6 78 9 10 - 11 12 13 14 15 16 - 17 – 18
BXEB
L0280Z
2000
D3
C
Product Family
Module Version
D = Gen 3 High Output
3 = 3 SDCM
Flux Indicator
2000 = 2000 lm
4000 = 4000 lm
8000 = 8000 lm
Module Configuration
Nominal Dimensions
L= Linear
0280 = 280 mm
0560 = 560 mm
1120 = 1120 mm
Z= Zhaga compatible width (24 mm)
30 E
Minimum
CRI
E = 80
G = 90
Zhaga compatible mounting holes
Re-usable connector
Designed to comply with
global safety standards for
creepage and clearance
distances
Label containing part number and lot
codes is attached on the front of the
module where shown
Multiple case temperature
measurement points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com