| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM505LRBABF bảng dữ liệu(PDF) 119 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DM505LRBABF bảng dữ liệu(HTML) 119 Page - Texas Instruments |
|
119 / 295 page ![]() 119 DM505 www.ti.com SPRS976E – NOVEMBER 2016 – REVISED MAY 2018 Submit Documentation Feedback Specifications Copyright © 2016–2018, Texas Instruments Incorporated Table 5-30. VIN2 IOSETs (continued) SIGNALS IOSET1 IOSET2 IOSET3 BALL MUX BALL MUX BALL MUX vin2a_d2 U13 2 U13 2 U13 2 vin2a_d3 V13 2 V13 2 V13 2 vin2a_d4 Y13 2 Y13 2 Y13 2 vin2a_d5 W13 2 W13 2 W13 2 vin2a_d6 U11 2 U11 2 U11 2 vin2a_d7 V11 2 V11 2 V11 2 vin2a_d8 U9 2 vin2a_d9 W11 2 vin2a_d10 V9 2 vin2a_d11 W9 2 vin2a_d12 U8 2 vin2a_d13 W8 2 vin2a_d14 U7 2 vin2a_d15 V7 2 vin2b vin2b_clk1 F20 2 vin2b_hsync1 M17 2 vin2b_vsync1 M18 2 vin2b_d0 U9 5 vin2b_d1 W11 5 vin2b_d2 V9 5 vin2b_d3 W9 5 vin2b_d4 U8 5 vin2b_d5 W8 5 vin2b_d6 U7 5 vin2b_d7 V7 5 5.9.6.3 DSS Display Parallel Interfaces (DPI) channels are available in DSS named DPI Video Output 1. Every VOUT interface consists of: • 24-bit data bus (data[23:0]) • Horizontal synchronization signal (HSYNC) • Vertical synchronization signal (VSYNC) • Data enable (DE) • Field ID (FID) • Pixel clock (CLK) NOTE For more information, see the Display Subsystem section of the Device TRM. |