| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM505LRBABF bảng dữ liệu(PDF) 98 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DM505LRBABF bảng dữ liệu(HTML) 98 Page - Texas Instruments |
|
98 / 295 page ![]() 98 DM505 SPRS976E – NOVEMBER 2016 – REVISED MAY 2018 www.ti.com Submit Documentation Feedback Specifications Copyright © 2016–2018, Texas Instruments Incorporated 5.9 Timing Requirements and Switching Characteristics 5.9.1 Timing Parameters and Information The timing parameter symbols used in the timing requirement and switching characteristic tables are created in accordance with JEDEC Standard 100. To shorten the symbols, some of pin names and other related terminologies have been abbreviated as follows: Table 5-15. Timing Parameters SUBSCRIPTS SYMBOL PARAMETER c Cycle time (period) d Delay time dis Disable time en Enable time h Hold time su Setup time START Start bit t Transition time v Valid time w Pulse duration (width) X Unknown, changing, or don't care level F Fall time H High L Low R Rise time V Valid IV Invalid AE Active Edge FE First Edge LE Last Edge Z High impedance |