công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TMP411
Giải thích chi tiết về linh kiện  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TMP411 Datasheet HTML 1Page - Texas Instruments TMP411 Datasheet HTML 2Page - Texas Instruments TMP411 Datasheet HTML 3Page - Texas Instruments TMP411 Datasheet HTML 4Page - Texas Instruments TMP411 Datasheet HTML 5Page - Texas Instruments TMP411 Datasheet HTML 6Page - Texas Instruments TMP411 Datasheet HTML 7Page - Texas Instruments TMP411 Datasheet HTML 8Page - Texas Instruments TMP411 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TMP411
D+
D±
SCL
SDA
GND
V+
Processor or ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
2.7 V to 5.5 V
2.7 V to 5.5 V
Built-In Thermal
Transistor, Diode
Overtemperature Shutdown
THERM
THERM2
ALERT /
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP411
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
TMP411 ±1°C Remote and Local Temperature Sensor
With N-Factor and Series Resistance Correction
1
1 Features
1
•
±1°C Remote Diode Sensor
•
±1°C Local Temperature Sensor
•
Programmable Non-Ideality Factor
•
Series Resistance Cancellation
•
Alert Function
•
Offset Registers for System Calibration
•
Pin and Registers Compatible With ADT7461 and
ADM1032
•
Programmable Resolution: 9 to 12 Bits
•
Programmable Threshold Limits
•
Two-Wire and SMBus Serial Interface
•
Minimum and Maximum Temperature Monitors
•
Multiple Interface Addresses
•
ALERT and THERM2 Pin Configuration
•
Diode Fault Detection
2 Applications
•
LCD and DLP and LCOS Projectors
•
Servers
•
Industrial Controllers
•
Central Office Telecom Equipment
•
Desktop and Notebook Computers
•
Storage Area Networks (SAN)
•
Industrial and Medical Equipment
•
Processor and FPGA Temperature Monitoring
3 Description
The TMP411 device is a remote temperature sensor
monitor with a built-in local temperature sensor. The
remote
temperature-sensor,
diode-connected
transistors are typically low-cost, NPN- or PNP-type
transistors or diodes that are an integral part of
microcontrollers, microprocessors, or FPGAs.
Remote
accuracy
is
±1°C
for
multiple
device
manufacturers, with no calibration needed. The two-
wire serial interface accepts SMBus write byte, read
byte, send byte and receive byte commands to
program
the
alarm
thresholds
and
to
read
temperature data.
Features that are included in the TMP411 device are:
series resistance cancellation, programmable non-
ideality
factor,
programmable
resolution,
programmable threshold limits, user-defined offset
register
for
maximum
accuracy,
minimum
and
maximum
temperature
monitors,
wide
remote
temperature measurement range (up to 150°C), diode
fault detection, and temperature alert function.
The TMP411 device is available in VSSOP-8 and
SOIC-8 packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP411
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Số phần tương tự - TMP411

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI-TMP411 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI2-TMP411 Datasheet
2Mb / 61P
TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
REVISED JULY 2025
More results

Mô tả tương tự - TMP411

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com