công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411 bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện TMP411
Giải thích chi tiết về linh kiện  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button TMP411 Datasheet HTML 29Page - Texas Instruments TMP411 Datasheet HTML 30Page - Texas Instruments TMP411 Datasheet HTML 31Page - Texas Instruments TMP411 Datasheet HTML 32Page - Texas Instruments TMP411 Datasheet HTML 33Page - Texas Instruments TMP411 Datasheet HTML 34Page - Texas Instruments TMP411 Datasheet HTML 35Page - Texas Instruments TMP411 Datasheet HTML 36Page - Texas Instruments TMP411 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Ambient Temperature, TA ( °C)
3.0
2.0
1.0
0
í1.0
í2.0
í3.0
í50
125
í25
0
25
50
75
100
50 Units Shown
V
S = 3.3V
3
2
1
0
í1
í2
í3
TA
í50
í25
125
100
75
50
25
0
V
S = 3.3V
T
DIODE = +25 °C (temperature at remote diode)
30 Typical Units Shown
= 1.008
Ambient Temp erature,
(°C)
33
TMP411
www.ti.com
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Application (continued)
Based on these criteria, TI recommends using two small-signal transistors, such as the 2N3904 (NPN) or
2N3906 (PNP).
10.2.2 Detailed Design Procedure
The temperature measurement accuracy of the TMP411 depends on the remote or local temperature sensor
being at the same temperature as the monitored system point. If the temperature sensor is not in good thermal
contact with the part of the system being monitored, then there is a delay in the response of the sensor to a
temperature change in the system. For remote temperature sensing applications using a substrate transistor (or
a small, SOT-23 transistor) placed close to the device , this delay is usually not a concern.
The local temperature sensor inside the TMP411 monitors the ambient air around the device. The thermal time
constant for the TMP411 is approximately two seconds. This constant implies that if the ambient air changes
quickly by 100°C, the TMP411 takes approximately 10 seconds (that is, five thermal time constants) to settle
within 1°C of the final value. In most applications, the TMP411 package is in electrical (and thermal contact) with
the printed circuit board (PCB), and subjected to forced airflow. The accuracy of the temperature measurement
directly depends on how accurately the PCB and forced airflow temperatures represent the temperature
measured by the device. Additionally, the internal power dissipation of the TMP411 can cause the temperature to
rise above the ambient or PCB temperature. The internal power dissipated is a result of exciting the remote
temperature sensor is negligible because of the small currents used.
For a 3.3-V supply and maximum conversion rate of eight conversions per second, the TMP411 dissipates 1.32
mW (PD IQ = 3.3 V × 400 µA). If the ALERT/THERM2 and THERM pins are each sinking 1 mA, an additional
power of 0.8 mW is dissipated (PD OUT = 1 mA × 0.4 V + 1 mA × 0.4 V = 0.8 mW). Total power dissipation
equals 2.12 mW (PD IQ + PD OUT) and (with a θJA value of 150°C/W) causes the junction temperature to rise
approximately 0.318°C above the ambient.
10.2.3 Application Curves
Figure 19. Remote Temperature Error vs TMP411 Ambient
Temperature
Figure 20. Local Temperature Error vs TMP411 Ambient
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com