| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S25FL256SDPNFVC bảng dữ liệu(PDF) 16 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S25FL256SDPNFVC bảng dữ liệu(HTML) 16 Page - Cypress Semiconductor |
|
16 / 149 page ![]() Document Number: 001-98283 Rev. *M Page 15 of 148 S25FL128S/S25FL256S All attempts to read the flash memory array during a program, erase, or a write cycle (embedded operations) are ignored. The embedded operation will continue to execute without any affect. A very limited set of commands are accepted during an embedded operation. These are discussed in the individual command descriptions. Depending on the command, the time for execution varies. A command to read status information from an executing command is available to determine when the command completes execution and whether the command was successful. 3.2.1 Command Sequence Examples Figure 7. Stand Alone Instruction Command Figure 8. Single Bit Wide Input Command Figure 9. Single Bit Wide Output Command Figure 10. Single Bit Wide I/O Command without Latency CS# SCK SI SO Phase 7 6 5 4 3 2 1 0 Instruction CS# SCK SI SO Phase 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 Instruction Input Data CS# SCK SI SO Phase 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 Instruction Data 1 Data 2 CS# SCK SI SO Phase 7 6 5 4 3 2 1 0 31 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 Instruction Address Data 1 Data 2 |