công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL256SDPNFVC bảng dữ liệu(PDF) 47 Page - Cypress Semiconductor

tên linh kiện S25FL256SDPNFVC
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFVC bảng dữ liệu(HTML) 47 Page - Cypress Semiconductor

Back Button S25FL256SDPNFVC Datasheet HTML 43Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 44Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 45Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 46Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 47Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 48Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 49Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 50Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 46 of 148
S25FL128S/S25FL256S
Note
: These are condensed tables that use a couple of sectors as references. There are address ranges that are not explicitly listed.
All 256 kB sectors have the pattern XXX0000h-XXXFFFFh.
7.3
ID-CFI Address Space
The RDID command (9Fh) reads information from a separate flash memory address space for device identification (ID) and
Common Flash Interface (CFI) information. See Section 11.2 Device ID and Common Flash Interface (ID-CFI) Address Map
on page 124 for the tables defining the contents of the ID-CFI address space. The ID-CFI address space is programmed by Cypress
and read-only for the host system.
7.4
OTP Address Space
Each S25FL128S and S25FL256S memory device has a 1024-byte One Time Program (OTP) address space that is separate from
the main flash array. The OTP area is divided into 32, individually lockable, 32-byte aligned and length regions.
In the 32-byte region starting at address zero:
The 16 lowest address bytes are programmed by Cypress with a 128-bit random number. Only Cypress is able to program these
bytes.
The next 4 higher address bytes (OTP Lock Bytes) are used to provide one bit per OTP region to permanently protect each
region from programming. The bytes are erased when shipped from Cypress. After an OTP region is programmed, it can be
locked to prevent further programming, by programming the related protection bit in the OTP Lock Bytes.
The next higher 12 bytes of the lowest address region are Reserved for Future Use (RFU). The bits in these RFU bytes may be
programmed by the host system but it must be understood that a future device may use those bits for protection of a larger OTP
space. The bytes are erased when shipped from Cypress.
The remaining regions are erased when shipped from Cypress, and are available for programming of additional permanent data.
Refer to Figure 42 on page 47 for a pictorial representation of the OTP memory space.
The OTP memory space is intended for increased system security. OTP values, such as the random number programmed by
Cypress, can be used to “mate” a flash component with the system CPU/ASIC to prevent device substitution.
The configuration register FREEZE (CR1[0]) bit protects the entire OTP memory space from programming when set to 1. This allows
trusted boot code to control programming of OTP regions then set the FREEZE bit to prevent further OTP memory space
programming during the remainder of normal power-on system operation.
Table 21. S25FL128S Sector and Memory Address Map, Uniform 256-kbyte Sectors
Sector Size (kbyte) Sector Count
Sector Range
Address Range (Byte Address)
Notes
256
64
SA00
0000000h-003FFFFh
Sector Starting Address
—
Sector Ending Address
:
:
SA63
0FC0000h-0FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com