| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68HC08 bảng dữ liệu(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 bảng dữ liệu(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 172 page ![]() MCU Block Diagram MC68HC908JL3E Family Data Sheet, Rev. 3 Freescale Semiconductor 17 1.3 MCU Block Diagram Figure 1-1 shows the structure of the MC68H(R)C908JL3E. Figure 1-1. MCU Block Diagram SYSTEM INTEGRATION MODULE ARITHMETIC/LOGIC UNIT (ALU) CPU REGISTERS M68HC08 CPU CONTROL AND STATUS REGISTERS — 64 BYTES USER FLASH: USER RAM — 128 BYTES MONITOR ROM — 960 BYTES USER FLASH VECTOR SPACE — 48 BYTES EXTERNAL INTERRUPT MODULE INTERNAL BUS * RST * IRQ1 POWER VSS 2-CHANNEL TIMER INTERFACE MODULE KEYBOARD INTERRUPT MODULE 8-BIT ANALOG-TO-DIGITAL CONVERTER MODULE VDD ADC REFERENCE PTB7/ADC7 PTB6/ADC6 PTB5/ADC5 PTB4/ADC4 PTB3/ADC3 PTB2/ADC2 PTB1/ADC1 PTB0/ADC0 PTA6/KBI6**¥ PTA5/KBI5**‡ PTA4/KBI4**‡ PTA3/KBI3**‡ PTA2/KBI2**‡ PTA1/KBI1**‡ PTA0/KBI0**‡ LOW-VOLTAGE INHIBIT MODULE * Pin contains integrated pull-up device. ** Pin contains programmable pull-up device. † 25mA open-drain if output pin. ‡ LED direct sink pin. OSC1 ¥ OSC2 X-TAL OSCILLATOR RC OSCILLATOR PTD7**†‡ PTD6**†‡ PTD5/TCH1 PTD4/TCH0 PTD3/ADC8‡ PTD2/ADC9‡ PTD1/ADC10 PTD0/ADC11 COMPUTER OPERATING PROPERLY MODULE MC68H(R)C908JK1E — 1,536 BYTES POWER-ON RESET MODULE BREAK MODULE # # # Pins available on MC68H(R)C908JL3E only. MC68HRC908JL3E/JK3E/JK1E MC68HC908JL3E/JK3E/JK1E ¥ Shared pin: MC68HRC908JL3E/JK3E/JK1E — RCCLK/PTA6/KBI6 MC68H(R)C908JK3E/JL3E — 4,096 BYTES MC68HC908JL3E/JK3E/JK1E — OSC2 |