| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68HC08 bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 172 page ![]() MC68HC908JL3E Family Data Sheet, Rev. 3 Freescale Semiconductor 21 Chapter 2 Memory 2.1 Introduction The CPU08 can address 64 Kbytes of memory space. The memory map, shown in Figure 2-1, includes: • 4,096 bytes of user FLASH — MC68H(R)C908JL3E/JK3E 1,536 bytes of user FLASH — MC68H(R)C908JK1E • 128 bytes of RAM • 48 bytes of user-defined vectors • 960 bytes of Monitor ROM 2.2 I/O Section Addresses $0000–$003F, shown in Figure 2-2, contain most of the control, status, and data registers. Additional I/O registers have the following addresses: • $FE00; Break Status Register, BSR • $FE01; Reset Status Register, RSR •$FE02; Reserved • $FE03; Break Flag Control Register, BFCR • $FE04; Interrupt Status Register 1, INT1 • $FE05; Interrupt Status Register 2, INT2 • $FE06; Interrupt Status Register 3, INT3 •$FE07; Reserved • $FE08; FLASH Control Register, FLCR • $FE09; FLASH Block Protect Register, FLBPR •$FE0A; Reserved •$FE0B; Reserved • $FE0C; Break Address Register High, BRKH • $FE0D; Break Address Register Low, BRKL • $FE0E; Break Status and Control Register, BRKSCR •$FE0F; Reserved • $FFFF; COP Control Register, COPCTL 2.3 Monitor ROM The 960 bytes at addresses $FC00–$FDFF and $FE10–$FFCF are reserved ROM addresses that contain the instructions for the monitor functions. (See Chapter 7 Monitor ROM (MON).) |