công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360E bảng dữ liệu(PDF) 18 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8360E
Giải thích chi tiết về linh kiện  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E bảng dữ liệu(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
18
Freescale Semiconductor
RESET Initialization
Table 11 provides the PLL and DLL lock times.
5.3
QE Operating Frequency Limitations
This section specify the limits of the AC electrical characteristics for the operation of the QE’s
communication interfaces.
NOTE
The settings listed below are required for correct hardware interface
operation. Each protocol by itself requires a minimal QE operating
frequency setting for meeting the performance target. Because the
performance is a complex function of all the QE settings, the user should
make use of the QE performance utility tool provided by Freescale to
validate their system.
Table 12 lists the maximal QE I/O frequencies and the minimal QE core frequency for each interface.
Time for the device to turn off POR config signals with
respect to the assertion of HRESET
—4
ns
3
Time for the device to turn on POR config signals with
respect to the negation of HRESET
1—
tPCI_SYNC_IN
1, 3
Notes:
1. tPCI_SYNC_IN is the clock period of the input clock applied to PCI_SYNC_IN. When the device is In PCI host mode
the primary clock is applied to the CLKIN input, and PCI_SYNC_IN period depends on the value of
CFG_CLKIN_DIV. See the
MPC8360E Integrated Communications Processor Reference Manual, Rev. 2 for more
details.
2. tCLKIN is the clock period of the input clock applied to CLKIN. It is only valid when the device is in PCI host mode.
See the
MPC8360E Integrated Communications Processor Reference Manual, Rev. 2 for more details.
3. POR config signals consists of CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV.
Table 11. PLL and DLL Lock Times
Parameter/Condition
Min
Max
Unit
Notes
PLL lock times
—
100
μs
DLL lock times
7680
122,880
csb_clk cycles
1, 2
Notes:
1. DLL lock times are a function of the ratio between the output clock and the coherency system bus clock (csb_clk).
A 2:1 ratio results in the minimum and an 8:1 ratio results in the maximum.
2. The csb_clk is determined by the CLKIN and system PLL ratio. See Section 22, “Clocking,” for more information.
Table 12. QE Operating Frequency Limitations
Interface
Interface Operating
Frequency (MHz)
Max interface
Bit Rate (Mbps)
Min QE Operating
Frequency1 (MHz)
Notes
Ethernet Management:
MDC/MDIO
10 (max)
10
20
MII
25 (typ)
100
50
Table 10. RESET Initialization Timing Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com