công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360E bảng dữ liệu(PDF) 98 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8360E
Giải thích chi tiết về linh kiện  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E bảng dữ liệu(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
98
Freescale Semiconductor
Clocking
The following steps describe how to use Table 76. See the example that follows:
1. Choose the up or down sections in the table according to input clock rate 33 MHz or 66 MHz.
2. Select a suitable CSB and core clock rates from Table 76. Copy the SPMF and CORE PLL
configuration bits.
3. Select a suitable QUICC Engine clock rate from Table 76. Copy the CEPMF and CEPDF
configuration bits.
s16
1010
0000010
æ
æ
33
333
333
∞∞
∞
s17
1010
0000011
æ
æ
33
333
500
∞∞
s18
1010
0000100
æ
æ
33
333
667
∞
c1
æ
æ
01001
0
33
300
∞∞
∞
c2
æ
æ
01100
0
33
400
∞∞
∞
c3
æ
æ
01110
0
33
466
∞∞
c4
æ
æ
01111
0
33
500
∞∞
c5
æ
æ
10000
0
33
533
∞∞
c6
æ
æ
10001
0
33
566
∞
66 MHz CLKIN / PCI_SYNC_IN Options
s1h
0011
0000110
æ
æ
66
200
400
∞∞
∞
s2h
0011
0000101
æ
æ
66
200
500
∞∞
s3h
0011
0000110
æ
æ
66
200
600
∞
s4h
0100
0000011
æ
æ
66
266
400
∞∞
∞
s5h
0100
0000100
æ
æ
66
266
533
∞∞
s6h
0100
0000101
æ
æ
66
266
667
∞
s7h
0101
0000010
æ
æ
66
333
333
∞∞
∞
s8h
0101
0000011
æ
æ
66
333
500
∞∞
s9h
0101
0000100
æ
æ
66
333
667
∞
c1h
æ
æ
00101
0
66
333
∞∞
∞
c2h
æ
æ
00110
0
66
400
∞∞
∞
c3h
æ
æ
00111
0
66
466
∞∞
c4h
æ
æ
01000
0
66
533
∞∞
c5h
æ
æ
01001
0
66
600
∞
1
The Conf No. consist of prefix, an index and a postfix. The prefix ‘s’ and ‘c’ stands for ‘syset’ and ‘ce’ respectively. the postfix
‘h’ stands for ‘high input clock.’ The index is a serial number.
Table 76. Suggested PLL Configurations (continued)
Conf
No. 1
SPMF
CORE
PLL
CEPMF
CEPDF
Input
Clock Freq
(MHz)
CSB Freq
(MHz)
Core Freq
(MHz)
QUICC
Engine
Freq (MHz)
400
(MHz)
533
(MHz)
667
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com