công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360E bảng dữ liệu(PDF) 67 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8360E
Giải thích chi tiết về linh kiện  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E bảng dữ liệu(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
67
USB
20 USB
This section provides the AC and DC electrical specifications for the USB interface of the
MPC8360E/58E.
20.1
USB DC Electrical Characteristics
Table 64 provides the DC electrical characteristics for the USB interface.
20.2
USB AC Electrical Specifications
Table 65 describes the general timing parameters of the USB interface of the device.
Table 64. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
High-level output voltage,
IOH = –100 μA
VOH
OVDD – 0.4
—
V
Low-level output voltage,
IOL = 100 μA
VOL
—0.2
V
Input current
IIN
—±10
μA
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and
Table 2.
Table 65. USB General Timing Parameters
Parameter
Symbol 1
Min
Max
Unit
Notes
usb clock cycle time
tUSCK
20.83
—
ns
full speed 48MHz
usb clock cycle time
tUSCK
166.67
—
ns
low speed 6MHz
skew between TXP and TXN
tUSTSPN
—5
ns
skew among RXP, RXN and RXD
tUSRSPND
—
10
ns
full speed transitions
skew among RXP, RXN and RXD
tUSRPND
—
100
ns
low speed transitions
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(First two letters of functional block)(state)
(signal) for receive signals and t(First two letters of functional block)(state)(signal) for transmit signals. For example,
tUSRSPND symbolizes usb timing (US) for the usb receive signals skew (RS) among RXP, RXN, and RXD
(PND). Also, tUSTSPN symbolizes usb timing (US) for the usb transmit signals skew (TS) between TXP and
TXN (PN).
2.Skew measurements are done at OVDD/2 of the rising or falling edge of the signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com