công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360E bảng dữ liệu(PDF) 78 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8360E
Giải thích chi tiết về linh kiện  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E bảng dữ liệu(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
78
Freescale Semiconductor
Package and Pin Listings
Table 67 shows the pin list of the MPC8358E TBGA package.
NC
AM20, AU19
—
—
—
Notes:
1. This pin is an open drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to OVDD
2. This pin is an open drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to OVDD.
3. This output is actively driven during reset rather than being three-stated during reset.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5.This pin should have a weak pull up if the chip is in PCI host mode. Follow PCI specifications recommendation.
6. These are On Die Termination pins, used to control DDR2 memories internal termination resistance
7. This pin must always be tied to GND.
8. This pin must always be left not connected.
9. Refers to
MPC8360E PowerQUICC II™ Pro Integrated Communications Processor Reference Manual section on "RGMII
Pins" for information about the two UCC2 Ethernet interface options.
10. It is recommended that MDIC0 be tied to GND using an 18.2
Ω resistor and MDIC1 be tied to DDR power using an 18.2 Ω
resistor for DDR2.
Table 67. MPC8358E TBGA Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
DDR SDRAM Memory Controller Interface
MEMC1_MDQ[0:63]
AJ34, AK33, AL33, AL35, AJ33, AK34, AK32, AM36,
AN37, AN35, AR34, AT34, AP37, AP36, AR36, AT35,
AP34, AR32, AP32, AM31, AN33, AM34, AM33, AM30,
AP31, AM27, AR30, AT32, AN29, AP29, AN27, AR29,
AN8, AN7, AM8, AM6, AP9, AN9, AT7, AP7, AU6, AP6,
AR4, AR3, AT6, AT5, AR5, AT3, AP4, AM5, AP3, AN3,
AN5, AL5, AN4, AM2, AL2, AH5, AK3, AJ2, AJ3, AH4,
AK4, AH3
I/O
GVDD
MEMC_MECC[0:4]/
MSRCID[0:4]
AP24, AN22, AM19, AN19, AM24
I/O
GVDD
MEMC_MECC[5]/
MDVAL
AM23
I/O
GVDD
MEMC_MECC[6:7]
AM22, AN18
I/O
GVDD
MEMC_MDM[0:8]
AL36, AN34, AP33, AN28,AT9, AU4, AM3, AJ6,AP27
O
GVDD
MEMC_MDQS[0:8]
AK35, AP35, AN31, AM26,AT8, AU3, AL4, AJ5, AP26
I/O
GVDD
MEMC_MBA[0:1]
AU29, AU30
O
GVDD
MEMC_MBA[2]
AT30
O
GVDD
MEMC_MA[0:14]
AU21, AP22, AP21, AT21, AU25, AU26, AT23, AR26,
AU24, AR23, AR28, AU23, AR22, AU20, AR18
OGVDD
MEMC_MODT[0:3]
AG33, AJ36, AT1, AK2
O
GVDD
6
MEMC_MWE
AT26
O
GVDD
MEMC_MRAS
AT29
O
GVDD
MEMC_MCAS
AT24
O
GVDD
Table 66. MPC8360E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com