công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360E bảng dữ liệu(PDF) 97 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8360E
Giải thích chi tiết về linh kiện  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E bảng dữ liệu(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
97
Clocking
NOTE
The VCO divider (RCWL[CEVCOD]) must be set properly so that the QE
VCO frequency is in the range of 600–1400 MHz. The QE frequency is not
restricted by the CSB and core frequencies. The CSB, core, and QE
frequencies should be selected according to the performance requirements.
The QE VCO frequency is derived from the following equations:
ce_clk = (primary clock input × CEPMF)
÷ (1 + CEPDF)
QE VCO Frequency = ce_clk × VCO divider × (1 + CEPDF)
22.4
Suggested PLL Configurations
To simplify the PLL configurations, the device might be separated into two clock domains. The first
domain contains the CSB PLL and the core PLL. The core PLL is connected serially to the CSB PLL, and
has the csb_clk as its input clock. The second clock domain has the QUICC Engine PLL. The clock
domains are independent, and each of their PLLs are configured separately. Both of the domains has one
common input clock. Table 76 shows suggested PLL configurations for 33 MHz and 66 MHz input clocks
and illustrates each of the clock domains separately. Any combination of clock domains setting with same
input clock are valid. Refer to Section 22, “Clocking,” for the appropriate operating frequencies for your
device.
Table 76. Suggested PLL Configurations
Conf
No. 1
SPMF
CORE
PLL
CEPMF
CEPDF
Input
Clock Freq
(MHz)
CSB Freq
(MHz)
Core Freq
(MHz)
QUICC
Engine
Freq (MHz)
400
(MHz)
533
(MHz)
667
(MHz)
33 MHz CLKIN / PCI_SYNC_IN Options
s1
0100
0000100
æ
æ
33
133
266
∞∞
∞
s2
0100
0000101
æ
æ
33
133
333
∞∞
∞
s3
0101
0000100
æ
æ
33
166
333
∞∞
∞
s4
0101
0000101
æ
æ
33
166
416
∞∞
s5
0110
0000100
æ
æ
33
200
400
∞∞
∞
s6
0110
0000110
æ
æ
33
200
600
∞
s7
0111
0000011
æ
æ
33
233
350
∞∞
∞
s8
0111
0000100
æ
æ
33
233
466
∞∞
s9
0111
0000101
æ
æ
33
233
583
∞
s10
1000
0000011
æ
æ
33
266
400
∞∞
∞
s11
1000
0000100
æ
æ
33
266
533
∞∞
s12
1000
0000101
æ
æ
33
266
667
∞
s13
1001
0000010
æ
æ
33
300
300
∞∞
∞
s14
1001
0000011
æ
æ
33
300
450
∞∞
s15
1001
0000100
æ
æ
33
300
600
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com