công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 177 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 177 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 173Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 174Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 175Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 176Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 177Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 178Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 179Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 180Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 181Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 194 page
background image
Page 167
TMP86CS25AFG
16.5 LCD Display Operation
16.5.1Setting display data
Display data is stored in display data area (128 bytes in addresses 0F00H to 0F7FH) provided in DBR.
Display data stored in the display data area is automatically read by hardware and sent to the LCD driver.
The LCD driver generates segment and common signals according to display data and the driving method.
Thus, display patterns can be changed simply by rewriting the contents of display data area in the program.
Table 16-2 shows the correspondence between display data areas and SEG/COM pins. The light comes on
when display data is “1” and it goes out when “0”. Because the number of pixels that can be driven varies with
the method of driving the LCD, the number of bytes in the display data area used to store display data also var-
ies. Thus, bytes not used to store display data and data memory corresponding to ddresses not connected to the
LCD can be used for storing generally processed data. (See Table 16-3)
Note:Because the contents of display data area become unstable at powering on, execute the initialize routine for
the initial setting.
Table 16-2 LCD Display Data Area (DBR)
0F00H
0F10H
0F20H
0F30H
0F40H
0F50H
0F60H
0F70H
COM0
0F01H
0F11H
0F21H
0F31H
0F41H
0F51H
0F61H
0F71H
COM1
0F02H
0F12H
0F22H
0F32H
0F42H
0F52H
0F62H
0F72H
COM2
0F03H
0F13H
0F23H
0F33H
0F43H
0F53H
0F63H
0F73H
COM3
0F04H
0F14H
0F24H
0F34H
0F44H
0F54H
0F64H
0F74H
COM4
0F05H
0F15H
0F25H
0F35H
0F45H
0F55H
0F65H
0F75H
COM5
0F06H
0F16H
0F26H
0F36H
0F46H
0F56H
0F66H
0F76H
COM6
0F07H
0F17H
0F27H
0F37H
0F47H
0F57H
0F67H
0F77H
COM7
0F08H
0F18H
0F28H
0F38H
0F48H
0F58H
0F68H
0F78H
COM8
0F09H
0F19H
0F29H
0F39H
0F49H
0F59H
0F69H
0F79H
COM9
0F0AH
0F1AH
0F2AH
0F3AH
0F4AH
0F5AH
0F6AH
0F7AH
COM10
0F0BH
0F1BH
0F2BH
0F3BH
0F4BH
0F5BH
0F6BH
0F7BH
COM11
0F0CH
0F1CH
0F2CH
0F3CH
0F4CH
0F5CH
0F6CH
0F7CH
COM12
0F0DH
0F1DH
0F2DH
0F3DH
0F4DH
0F5DH
0F6DH
0F7DH
COM13
0F0EH
0F1EH
0F2EH
0F3EH
0F4EH
0F5EH
0F6EH
0F7EH
COM14
0F0FH
0F1FH
0F2FH
0F3FH
0F4FH
0F5FH
0F6FH
0F7FH
COM15
SEG7
to
SEG0
SEG15
to
SEG8
SEG23
to
SEG16
SEG31
to
SEG24
SEG39
to
SEG32
SEG47
to
SEG40
SEG55
to
SEG48
SEG59
to
SEG56
Table 16-3 Areas Used to Store Display Data
Driving Method
COM number to be used
1/16 Duty
COM15 to COM0
1/8 Duty
COM7 to COM0
1/4 Duty
COM3 to COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com