công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 175 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 175 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 171Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 172Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 173Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 174Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 175Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 176Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 177Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 178Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 179Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 194 page
background image
Page 165
TMP86CS25AFG
16.2.1 Frame frequency
The frame frequency is set depending on the driving method and the base frequency as shown in Table 16-1.
The base frequency is selected with LCDCTL2 <VFSEL> depending on the basic clock frequencies fc and fs
to be used.
Note 1: fc ; High-frequency clock frequency [Hz], fs ; Low-frequency clock frequency [Hz]
Note 2: Although this product is guaranteed to operate at fc = 1.32 [MHz] or less is not recommended for LCD dis-
play as the frame frequency becomes 61 [Hz] or less.
16.3 LCD Booster Circuit
The TMP86CS25AFG can boost (divide) the externally-supplied reference voltage using the built-in booster cir-
cuit as a power supply for driving the LCD. When V1 pin is the reference voltage, the inputted reference voltage is
boosted by two times (V2), 3 times (V3) and 4 times (V4) to generate a voltage for a segment/common signal. When
V2 pin is the reference voltage, the inputted reference voltage is divided/boosted by 1/2 time (V1), 3/2 times (V3)
and two times (V4). Likewise, when V3 pin or V4 pin is the reference, the inputted reference voltage is boosted/
divided and the voltage ratio is V1
× 4 = V2 × 2 = V3 × (4/3) = V4. As this circuit uses a 4-times boosting method,
the bias ratio is 1/4 only.
Note 1: When the reference pin is other than V1 pin, a condenser is required between V1 pin and GND.
Note 2: When LCDCTL1<REFV> is set to “0”, input voltage from V4 pin should be kept within 2.7 V
≤ V4 ≤ VDD.
Table 16-1 Frame Frequency Settings
VFSEL
Base frequency [Hz]
Frame frequency [Hz]
1/4 duty
1/8 duty
1/16 duty
000
(fc = 16 MHz)
93
93
93
001
(fc = 8 MHz)
93
93
93
010
(fc = 4 MHz)
93
93
93
011
(fc = 2 MHz)
93
93
93
1**
fs
(fs = 32.768 kHz)
97.5
97.5
97.5
fc
2
9
------
fc
29 84 4
⋅⋅
-------------------------
fc
29 42 8
⋅⋅
-------------------------
fc
29 21 16
⋅⋅
----------------------------
fc
2
8
------
fc
28 84 4
⋅⋅
-------------------------
fc
28 42 8
⋅⋅
-------------------------
fc
28 21 16
⋅⋅
----------------------------
fc
2
7
------
fc
27 84 4
⋅⋅
-------------------------
fc
27 42 8
⋅⋅
-------------------------
fc
27 21 16
⋅⋅
----------------------------
fc
2
6
------
fc
26 84 4
⋅⋅
-------------------------
fc
26 42 8
⋅⋅
-------------------------
fc
26 21 16
⋅⋅
----------------------------
fs
84 4
⋅
--------------
fs
42 8
⋅
--------------
fs
21 16
⋅
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com