công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 178 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 178 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 174Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 175Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 176Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 177Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 178Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 179Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 180Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 181Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 182Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 194 page
background image
Page 168
16. LCD Driver
16.6 Method of Controlling LCD Driver
TMP86CS25AFG
16.5.2Blanking
The LCD display can be blanked by clearing DISST to “0”. Blanking extinguishes the LCD by outputting
GND level to COM/SEG pins.
If the STOP mode is entered while the LCD display is on, DISST is cleared to “0” and blanking is performed
automatically. If the STOP mode is then reverted, DISST is set to “1” and display is resumed automatically.
Note:At reset, the segment dedicated pins (SEG39 to SEG0) and common output becomes GND level, whereas
the I/O port/segment shared pins (P1,P3,P5 ports) output, the I/O port/common shared pins (P3,P7 ports) out-
put become the high-impedance state. Thus, if an external reset input lasts for a significant length of time, it
may affect the LCD display such as blurring.
16.6 Method of Controlling LCD Driver
16.6.1 Initial setting
The procedure of initial setting is shown below.
16.6.2 Storing display data
Display data is normally prepared as fixed data in the program memory (ROM) and stored in the display data
area by a load instruction.
Example 1: Corresponding to the connection and display using a 1/8 duty LCD shown in Figure 16-4, the
Table 16-4 shows display data and Figure 16-5 shows displyay timing.
Figure 16-4 Example of Display Data (1/8 duty)
Example :When 60 seg
× 8 com, 1/8 duty , 5 V-system LCD operates with fc = 8 MHz (at VDD = 5 V)
LD
(LCDCTL1), 10010100B
; 1/8 duty, LCD reference voltage (VDD = V4), booster circuit enable set
Port setting
; Set port condition for LCD related pins
LD
(LCDCTL1), 10010101B
; LCD display enable set
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
SEG0
SEG59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com