công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 173 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 173 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 169Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 170Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 171Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 172Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 173Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 174Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 175Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 176Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 177Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 194 page
background image
Page 163
TMP86CS25AFG
16. LCD Driver
The TMP86CS25AFG incorporates a driver to directly drive the liquid crystal display (LCD) and its control cir-
cuit. The connecting pins with the LCD are as shown below:
1. Segment output pin:
40 pins (SEG39 to SEG0)
2. Segment output/ I/O port pin (shared):
20 pins (SEG59 to SEG40)
3. Common output pin:
5 pins (COM4 to COM0)
4. Common output I/O port pin (shared):
11 pins (COM15 to COM5)
In addition, C0, C1, V1, V2, V3 and V4 are provided as the LCD drive booster circuit pins.
The following three types of LCD can be driven directly:
1. 1/4 duty LCD: Maximum 240 pixels (60 segments
× 4 digits)
2. 1/8 duty LCD: Maximum 480 pixels (60 segments
× 8 digits)
3. 1/16 duty LCD: Maximum 960 pixels (60 segments
× 16 digits)
16.1 Configuration of LCD Driver
Figure 16-1 LCD Driver Block Diagram
Note: The LCD driver circuit has a built-in dedicated divider circuit. Thus, during use of the tool, LCD outputting is not
stopped by debugger break processing.
Branking
control
Dedicated
divider
Low voltage booster circuit
Common driver
DISST
BRES
DUTY3
DUTY4
DUTY5
REFV
DUTY
C0
C1
V1
V2
V3
V4
COM0
LCDCTL1
LCD Driver Control Register 1
LCDCTL2
LCD Driver Control Register 2
COM15
Segment driver
Display data buffer register
Display data select
circuit
Timing gen.
circuit
Duty control
DBR data area
SEG0
fs
fc
SEG39 SEG40
SEG59
VFSEL0
VFSEL1
VFSEL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com