công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 169 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 169 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 165Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 166Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 167Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 168Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 169Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 170Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 171Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 172Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 173Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 194 page
background image
Page 159
TMP86CS25AFG
14.4 Precautions about AD Converter
14.4.1 Analog input pin voltage range
Make sure the analog input pins (AIN0 to AIN7) are used at voltages within VSS below VAREF. If any volt-
age outside this range is applied to one of the analog input pins, the converted value on that pin becomes uncer-
tain. The other analog input pins also are affected by that.
14.4.2 Analog input shared pins
The analog input pins (AIN0 to AIN7) are shared with input/output ports. When using any of the analog
inputs to execute AD conversion, do not execute input/output instructions for all other ports. This is necessary
to prevent the accuracy of AD conversion from degrading. Not only these analog input shared pins, some other
pins may also be affected by noise arising from input/output to and from adjacent pins.
14.4.3 Noise countermeasure
The internal equivalent circuit of the analog input pins is shown in Figure 14-4. The higher the output imped-
ance of the analog input source, more easily they are susceptible to noise. Therefore, make sure the output
impedance of the signal source in your design is 5 k
Ω or less. Toshiba also recommends attaching a capacitor
external to the chip.
Figure 14-4 Analog Input Equivalent Circuit and Example of Input Pin Processing
DA converter
AINx
Analog comparator
Internal resistance
Allowable signal
source impedance
Internal capacitance
5 k
Ω (typ)
C = 22 pF (typ.)
5 k
Ω (max)
Note) i = 7~0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com