công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 166 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 166 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 162Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 163Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 164Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 165Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 166Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 167Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 168Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 169Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 170Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 194 page
background image
Page 156
14. 8-Bit AD Converter (ADC)
14.3 Function
TMP86CS25AFG
14.3 Function
14.3.1 AD Conveter Operation
When ADCCR1<ADRS> is set to "1", AD conversion of the voltage at the analog input pin specified by
ADCCR1<SAIN> is thereby started.
After completion of the AD conversion, the conversion result is stored in AD converted value registers
(ADCDR1) and at the same time ADCDR2<EOCF> is set to “1”, the AD conversion finished interrupt
(INTADC) is generated.
ADCCR1<ADRS> is automatically cleared after AD conversion has started. Do not set ADCCR1<ADRS>
newly again (restart) during AD conversion. Before setting ADRS newly again, check ADCDR<EOCF> to see
that the conversion is completed or wait until the interrupt signal (INTADC) is generated (e.g., interrupt han-
dling routine).
Figure 14-2 AD Converter Operation
14.3.2 AD Converter Operation
1. Set up the AD converter control register 1 (ADCCR1) as follows:
• Choose the channel to AD convert using AD input channel select (SAIN).
• Specify analog input enable for analog input control (AINDS).
2. Set up the AD converter control register 2 (ADCCR2) as follows:
• Set the AD conversion time using AD conversion time (ACK). For details on how to set the con-
version time, refer to Table 14-1.
• Choose IREFON for DA converter control.
3. After setting up 1. and 2. above, set AD conversion start (ADRS) of AD converter control register 1
(ADCCR1) to “1”.
4. After an elapse of the specified AD conversion time, the AD converted value is stored in AD con-
verted value register 1 (ADCDR1) and the AD conversion finished flag (EOCF) of AD converted
value register 2 (ADCDR2) is set to “1”, upon which time AD conversion interrupt INTADC is gener-
ated.
5. EOCF is cleared to “0” by a read of the conversion result. However, if reconverted before a register
read, although EOCF is cleared the previous conversion result is retained until the next conversion is
completed.
ADCDR1 status
EOCF cleared by reading
conversion result
Conversion
result read
Conversion
result read
ADCDR2<EOCF>
INTADC interrupt
Reading ADCDR1
Reading ADCDR2
ADCDR2<ADBF>
ADCCR1<ADRS>
First conversion result
Second conversion result
Indeterminate
AD conversion start
AD conversion start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com