công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 165 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 165 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 161Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 162Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 163Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 164Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 165Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 166Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 167Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 168Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 169Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 194 page
background image
Page 155
TMP86CS25AFG
Note 1: Always set bit 0 in ADCCR2 to “0” and set bit 4 in ADCCR2 to “1”.
Note 2: When a read instruction for ADCCR2, bit 6 to 7 in ADCCR2 read in as undefined data.
Note 3: After STOP or SLOW/SLEEP mode are started, AD converter control register 2 (ADCCR2) is all initialized and no data
can be written in this register. Therefore, to use AD converter again, set the ADCCR2 newly after returning to NORMAL1
or NORMAL2 mode.
Note 1: Settings for “
−” in the above table are inhibited.
Note 2: Set conversion time by Analog Reference Voltage (VAREF) as follows.
Note 1: The ADCDR2<EOCF> is cleared to “0” when reading the ADCDR1.
Therefore, the AD conversion result should be read to ADCDR2 more first than ADCDR1.
Note 2: ADCDR2<ADBF> is set to “1” when AD conversion starts and cleared to “0” when the AD conversion is finished. It
also is cleared upon entering STOP or SLOW mode.
Note 3: If a read instruction is executed for ADCDR2, read data of bits 7, 6 and 3 to 0 are unstable.
AD Converter Control Register 2
ADCCR2
(000FH)
76
543
21
0
IREFON
“1”
ACK
“0”
(Initial value: **0* 000*)
IREFON
DA converter (ladder resistor)
connection control
0:
1:
Connected only during AD conversion
Always connected
R/W
ACK
AD conversion time select
000:
001:
010:
011:
100:
101:
110:
111:
39/fc
Reserved
78/fc
156/fc
312/fc
624/fc
1248/fc
Reserved
R/W
Table 14-1 Conversion Time according to ACK Setting and Frequency
Condition
Conbersion
time‘
16MHz
8MHz
4 MHz
2 MHz
10MHz
5 MHz
2.5 MHz
ACK
000
39/fc
-
-
-
19.5
µs
-
-
15.6
µs
001
Reserved
010
78/fc
-
-
19.5
µs39.0 µs-
15.6
µs
31.2
µs
011
156/fc
-
19.5
µs
39.0
µs78.0 µs
15.6
µs
31.2
µs
62.4
µs
100
312/fc
19.5
µs39.0 µs
78.0
µs
156.0
µs
31.2
µs
62.4
µs
124.8
µs
101
624/fc
39.0
µs78.0 µs156.0 µs
-
62.4
µs
124.8
µs-
110
1248/fc
78.0
µs
156.0
µs-
-124.8
µs-
-
111
Reserved
-
VAREF = 4.5 to 5.5 V
(15.6
µs or more)
-
VAREF = 2.7 to 5.5 V
(31.2
µs or more)
-
VAREF = 1.8 to 5.5 V
(124.8
µs or more)
AD Conversion Result Register
ADCDR1
(0020H)
76
543
21
0
AD07
AD06
AD05
AD04
AD03
AD02
AD01
AD00
(Initial value: 0000 0000)
AD Conversion Result Register
ADCDR2
(0021H)
76
543
21
0
EOCF
ADBF
(Initial value: **00 ****)
EOCF
AD conversion end flag
0: Before or during conversion
1: Conversion completed
Read
only
ADBF
AD conversion busy flag
0: During stop of AD conversion
1: During AD conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com