công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 161 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 161 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 157Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 158Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 159Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 160Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 161Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 162Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 163Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 164Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 165Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 194 page
background image
Page 151
TMP86CS25AFG
Figure 13-10 Receive Mode (Example: 8bit, 1word transfer, Internal clock)
13.6.3 8-bit transfer / receive mode
After setting the SIO control register to the 8-bit transmit/receive mode, write the data to be transmitted first
to the data buffer registers (DBR). After that, enable the transmit/receive by setting SIO1CR1<SIOS> to “1”.
When transmitting, the data are output from the SO1 pin at leading edges of the serial clock. When receiving,
the data are input to the SI1 pin at the trailing edges of the serial clock. When the all receive is enabled, 8-bit
data are transferred from the shift register to the data buffer register. An INTSIO1 interrupt is generated when
the number of data words specified with the SIO1CR2<BUF> has been transferred. Usually, read the receive
data from the buffer register in the interrupt service. The data buffer register is used for both transmitting and
receiving; therefore, always write the data to be transmitted after reading the all received data.
When the internal clock is used, a wait is initiated until the received data are read and the next transfer data
are written. A wait will not be initiated if even one transfer data word has been written.
When an external clock is used, the shift operation is synchronized with the external clock; therefore, it is
necessary to read the received data and write the data to be transmitted next before starting the next shift oper-
ation. When an external clock is used, the transfer speed is determined by the maximum delay between genera-
tion of an interrupt request and the received data are read and the data to be transmitted next are written.
The transmit/receive operation is ended by clearing SIO1CR1<SIOS> to “0” or setting SIO1CR1<SIOINH> to
“1” in INTSIO1 interrupt service program.
When SIO1CR1<SIOS> is cleared, the current data are transferred to the buffer. After SIO1CR1<SIOS>
cleared, the transmitting/receiving is ended at the time that the final bit of the data has been transmitted.
That the transmitting/receiving has ended can be determined from the status of SIO1SR<SIOF>.
SIO1SR<SIOF> is cleared to “0” when the transmitting/receiving is ended.
When SIO1CR1<SIOINH> is set, the transmit/receive operation is immediately ended and SIO1SR<SIOF>
is cleared to “0”.
If it is necessary to change the number of words in external clock operation, SIO1CR1<SIOS> should be
cleared to “0”, then SIO1CR2<BUF> must be rewritten after confirming that SIO1SR<SIOF> has been cleared
to “0”.
If it is necessary to change the number of words in internal clock, during automatic-wait operation which
occurs after completion of transmit/receive operation, SIO1CR2<BUF> must be rewritten before reading and
writing of the receive/transmit data.
a1
a0
a2
a3
a4
a5
a6
a7
b0
b1
b2
b3
b4
b5
b6
b7
DBR
b
a
Clear SIOS
Read out
Read out
SCK1 pin
(Output)
SI1 pin
INTSIO1 Interrupt
SIO1CR1<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com