công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 159 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 159 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 155Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 156Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 157Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 158Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 159Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 160Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 161Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 162Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 163Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 194 page
background image
Page 149
TMP86CS25AFG
SIO1CR1<SIOS> is cleared, the operation will end after all bits of words are transmitted.
That the transmission has ended can be determined from the status of SIO1SR<SIOF> because
SIO1SR<SIOF> is cleared to “0” when a transfer is completed.
When SIO1CR1<SIOINH> is set, the transmission is immediately ended and SIO1SR<SIOF> is cleared to
“0”.
When an external clock is used, it is also necessary to clear SIO1CR1<SIOS> to “0” before shifting the next
data; If SIO1CR1<SIOS> is not cleared before shift out, dummy data will be transmitted and the operation will
end.
If it is necessary to change the number of words, SIO1CR1<SIOS> should be cleared to “0”, then
SIO1CR2<BUF> must be rewritten after confirming that SIO1SR<SIOF> has been cleared to “0”.
Figure 13-7 Transfer Mode (Example: 8bit, 1word transfer, Internal clock)
Figure 13-8 Transfer Mode (Example: 8bit, 1word transfer, External clock)
a1
a2
a3
a4
a5
a6
a7
b0
b1
b2
b3
b4
b5
b6
b7
a0
DBR
b
a
Clear SIOS
Write
(a)
Write
(b)
SCK1 pin
(Output)
SO1 pin
INTSIO1 interrupt
SIO1CR1<SIOS>
SIO1SR<SIOF>
SIO1SR<SIOF>
SIO1SR<SEF>
a1
a2
a3
a4
a5
a6
a7
b0
b1
b2
b3
b4
b5
b6
b7
a0
DBR
b
a
Clear SIOS
Write
(a)
Write
(b)
SCK1 pin
(Input)
SO1 pin
INTSIO1 interrupt
SIO1CR1<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com