| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS32F bảng dữ liệu(PDF) 29 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F bảng dữ liệu(HTML) 29 Page - Toshiba Semiconductor |
|
29 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-27 The addresses FFFF00H to FFFFFFH (256 bytes) of the TMP93CS32 are assigned for interrupt vector area. Table 3.4.1 TMP93CS32 Interrupt Table Default Priority Type Interrupt Source Vector Value “V” Address Refer to Vector Micro DMA Start Vector 1 2 3 4 5 6 7 8 9 10 Non- maskable Reset or SWI0 instruction SWI 1 instruction Illegal instruction or SWI2 SWI 3 instruction SWI 4 instruction SWI 5 instruction SWI 6 instruction SWI 7 instruction NMI: NMI pin input INTWD: Watchdog timer 0000H 0004H 0008H 000CH 0010H 0014H 0018H 001CH 0020H 0024H FFFF00H FFFF04H FFFF08H FFFF0CH FFFF10H FFFF14H FFFF18H FFFF1CH FFFF20H FFFF24H − − − − − − − − 08H 09H 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 − to − Maskable INT0 : INT0 pin input (Reserved) INT4: INT4 pin input INT5: INT5 pin input INT6: INT6 pin input INT7: INT7 pin input INTT0: 8-bit timer 0 INTT1: 8-bit timer 1 INTT2: 8-bit timer 2 INTT3: 8-bit timer 3 INTTR4: 16-bit timer4 (TREG4) INTTR5: 16-bit timer 4 (TREG5) INTTR6: 16-bit timer 5 (TREG6) INTTR7: 16-bit timer 5 (TREG7) INTTO4: 16-bit timer 4 (Overflow) INTTO5: 16-bit timer 5 (Overflow) INTRX0: Serial receive (Channel 0) INTTX0: Serial send (Channel 0) INTRX1: Serial receive (Channel 1) INTTX1: Serial send (Channel 1) INTAD: AD conversion completion (Reserved) to (Reserved) 0028H 002CH 0030H 0034H 0038H 003CH 0040H 0044H 0048H 004CH 0050H 0054H 0058H 005CH 0060H 0064H 0068H 006CH 0070H 0074H 0078H 007CH to 00FCH FFFF28H FFFF2CH FFFF30H FFFF34H FFFF38H FFFF3CH FFFF40H FFFF44H FFFF48H FFFF4CH FFFF50H FFFF54H FFFF58H FFFF5CH FFFF60H FFFF64H FFFF68H FFFF6CH FFFF70H FFFF74H FFFF78H FFFF7CH to FFFFFCH 0AH − 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH 1BH 1CH 1DH 1EH − to − |