| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS32F bảng dữ liệu(PDF) 46 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F bảng dữ liệu(HTML) 46 Page - Toshiba Semiconductor |
|
46 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-44 3.5.1 Port 0 (P00 to P07) Port 0 is an 8-bit general-purpose I/O port. I/O can be set on a bit basis using the control register P0CR. Resetting clears all bits of P0CR to 0 and sets Port 0 to input mode. Figure 3.5.1 shows the registers for Port 0. In addition to functioning as a general-purpose I/O port, Port 0 also functions as an address data bus (AD0 to AD7). To access external memory, Port 0 functions as an address data bus (AD0 to AD7) and all bits of the control register P0CR are cleared to 0. Figure 3.5.1 Port 0 Direction control (on bit basis) Reset P0CR write Output latch P0 write S B Selector A P0 read Output buffer Port 0 P00 to P07 (AD0 to AD7) Selector A S B Y |