| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS32F bảng dữ liệu(PDF) 41 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F bảng dữ liệu(HTML) 41 Page - Toshiba Semiconductor |
|
41 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-39 (3) Micro DMA start vector When the CPU reads the interrupt vector after accepting an interrupt, it simultaneously compares the interrupt vector (Bits 2 to 6 of the interrupt vector) with each channel’s Micro DMA start vector. When the two match, the interrupt from the channel whose value matched is processed in Micro DMA mode. If the interrupt vector matches more than one channel, the channel with the lower channel number has a higher priority. Micro DMA0 Start Vector 7 6 5 4 3 2 1 0 Bit symbol DMA0V4 DMA0V3 DMA0V2 DMA0V1 DMA0V0 Read/Write W After reset 0 0 0 0 0 DMA0V (007CH) (Note) Function Micro DMA channel 0 processed by matching bits 2 to 6 of the interrupt vector. Micro DMA1 Start Vector 7 6 5 4 3 2 1 0 Bit symbol DMA1V4 DMA1V3 DMA1V2 DMA1V1 DMA1V0 Read/Write W After reset 0 0 0 0 0 DMA1V (007DH) (Note) Function Micro DMA channel 1 processed by matching bits 2 to 6 of the interrupt vector. Micro DMA2 Start Vector 7 6 5 4 3 2 1 0 Bit symbol DMA2V4 DMA2V3 DMA2V2 DMA2V1 DMA2V0 Read/Write W After reset 0 0 0 0 0 DMA2V (007EH) (Note) Function Micro DMA channel 2 processed by matching bits 2 to 6 of the interrupt vector. Micro DMA3 Start Vector 7 6 5 4 3 2 1 0 Bit symbol DMA3V4 DMA3V3 DMA3V2 DMA3V1 DMA3V0 Read/Write W After reset 0 0 0 0 0 DMA3V (007FH) (Note) Function Micro DMA channel 3 processed by matching bits 2 to 6 of the interrupt vector. Note: Read-modify-write instruction is prohibited. Figure 3.4.7 Micro DMA Start Vector Register |