| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS32F bảng dữ liệu(PDF) 158 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F bảng dữ liệu(HTML) 158 Page - Toshiba Semiconductor |
|
158 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-156 5. Table of Special Function Registers The special function registers (SFRs) include the I/O ports and peripheral control registers allocated to the 128-bytes addresses from 000000H to 00007FH. (1) I/O port (2) I/O port control (3) Clock control (4) Interrupt control (5) Bus width/wait control (6) Timer control (7) Serial channel control (8) AD converter control (9) Watchdog timer control Configuration of the table Note: “Prohibit RMW” in the table means that you cannot use RMW instructions on these registers. Example: When setting only bit0 of register P0CR, “SET 0, (0002H)” cannot be used. The LD (transfer) instruction must be used to write all eight bits. Symbol Name Address 7 Bit symbol Read/Write Initial value after reset Remarks 6 1 0 |