| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR4937 bảng dữ liệu(PDF) 321 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 bảng dữ liệu(HTML) 321 Page - Toshiba Semiconductor |
|
321 / 552 page ![]() Chapter 10 PCI Controller 10-63 10.4.35 G2P Memory Space 0 Address Mask Register (G2PM0MASK) 0xD140 31 16 AM[35:20] R/W : Type 0x0000 : Initial value 15 4 3 0 AM[19:8] Reserved R/W R : Type 0x000 0x0 : Initial value Bit Mnemonic Field Name Description Read/Write 31:4 AM[35:8] Address Mask G-Bus to PCI-Bus Address Mask (Default: 0x0_0000_00) Sets the bits to be subject to address comparison. See 10.3.4 for more information. When setting a memory space size of 256 MB (0x1000_0000) for example, the value becomes 0x00FF_FFF0. R/W 3:0 Reserved R Figure 10.4.33 G2P Memory Space 0 Address Mask Register |