công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 58 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 58 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 53Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 54Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 55Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 56Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 57Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 58Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 59Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 60Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
Data Sheet
ADAQ4216
REGISTER DETAILS
analog.com
Rev. 0 | 58 of 61
Table 36. Bit Descriptions for MODES
Bits
Bit Name
Description
Reset
Access
[7:6]
LANE_MD
Lane Mode Select.
0x0
R/W
00 = One lane.
01 = Two lanes.
10 = Four lanes.
11 = Invalid setting.
[5:4]
CLK_MD
Clock Mode Select.
0x0
R/W
00 = SPI clocking mode.
01 = Echo clock mode.
10 = Host clock mode.
11 = Invalid setting.
3
DDR_MD
DDR Mode Enable/Disable.
0x0
R/W
0 = SDR.
1 = DDR (only valid for echo clock mode and host clock mode).
[2:0]
OUT_DATA_MD
Output Data Mode Select.
0x0
R/W
000 = 16-bit differential data.
001 = 16-bit differential data + 8-bit common-mode data.
010 = Unused.
011 = 30-bit averaged differential data + OR bit + SYNC bit.
100 = 32-bit test data pattern (TEST_DATA_PAT).
INTERNAL OSCILLATOR REGISTER
Address: 0x21, Reset: 0x00, Name: OSCILLATOR
Table 37. Bit Descriptions for OSCILLATOR
Bits
Bit Name
Description
Reset
Access
[7:2]
OSC_LIMIT
Oscillator Limit Setting. Oscillator is limited to this number of clock pulses plus one. Automatically calculated by the
ADAQ4216 based on the data word size, number of active SDO lanes, and data rate mode (SDR or DDR).
0x0
R
[1:0]
OSC_DIV
Oscillator Frequency Divider Setting.
0x0
R/W
00 = No divide (divide by 1).
01 = Divide by 2.
10 = Divide by 4.
11 = Invalid setting.
OUTPUT DRIVER REGISTER
Address: 0x22, Reset: 0x00, Name: IO
Table 38. Bit Descriptions for IO
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com