công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 28 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 28 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 24Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 25Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 26Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 27Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 28Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 29Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 30Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 31Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
Data Sheet
ADAQ4216
THEORY OF OPERATION
analog.com
Rev. 0 | 28 of 61
Figure 84. ADAQ4216 Functional Block Diagram
OVERVIEW
The ADAQ4216 is a precision μModule data-acquisition signal
chain SiP solution that reduces the development cycle of precision
measurement systems by transferring the design burden of com-
ponent selection, optimization, and layout from the designer to
the device. The ADAQ4216 reduces the end system component
count by combining multiple common signal processing and con-
ditioning blocks in a single device, including a low noise, high
input impedance PGIA, a second order linear phase anti-aliasing
filter, low distortion, wide-bandwidth ADC driver, a high precision
16-bit, 2MSPS SAR ADC with an integrated reference buffer. The
device also incorporates the Analog Devices proprietary iPassives
technology components necessary for optimum performance. The
superior matching and drift characteristics of the resistors minimiz-
es temperature dependent error sources. The analog front end of
the ADAQ4216 features a wide common-mode range from −8V to
+10V and supports both single-ended and differential signals that
eases level shifting requirements as well.
The ADAQ4216 does not exhibit any pipeline delay or latency,
which makes this μModule ideal for control loops and high speed
applications. The digital features include offset correction, gain ad-
justment, and averaging, which offload the host processor. The user
can configure the device for one of several output code formats (for
more details, see the Summary of Selectable Output Data Formats
section).
The ADAQ4216 uses a Flexi-SPI, which allows the data to be ac-
cessed by multiple SPI lanes, which relaxes clocking requirements
for the host SPI controller. An echo clock mode is also available
to assist in data clocking, which simplifies the use of isolated data
interfaces. The PGIA gain of the ADAQ4216 can be controlled
through A0 and A1 pins. The ADAQ4216 has a valid conversion
after exiting shutdown mode. The architecture achieves ±3ppm INL
maximum, with no missing codes at 16-bits and 97.5dB SNR. The
ADAQ4216 dissipates only 445mW at 2MSPS.
TRANSFER FUNCTION
In the default configuration, the ADAQ4216 digitizes the full-scale
difference voltage of 2 × VREF into 216 levels, resulting in an LSB
size of 153µV with VREF = 5V. Note that 1LSB at 16 bits is approx-
imately 15.26ppm. The ideal transfer function is shown in Figure
85. The differential output data is in twos complement format. Table
12 summarizes the mapping of input voltages to differential output
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com