công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 29 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 29 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 25Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 26Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 27Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 28Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 29Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 30Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 31Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 32Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Data Sheet
ADAQ4216
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 61
Figure 85. ADC Ideal Transfer Function for the Differential Output Codes
(FSR Is Full-Scale Range)
Table 12. Input Voltage to Output Code Mapping
Description
Analog Input Voltage
Difference
Digital Output Code (Twos
Complement, Hex)
FSR − 1LSB
(32767 × VREF)/(G × 32768)
0x7FFF
Midscale + 1LSB VREF/(G × 32768)
0x0001
Midscale
0V
0x0000
Midscale − 1LSB −VREF/(G × 32768)
0xFFFF
−FSR + 1LSB
−(32767 × VREF)/(G × 32768)
0x8001
−FSR
− VREF/G
0x8000
SIGNAL CHAIN OPERATION
The ADAQ4216 operates in two phases, the acquisition and the
conversion phase. In the acquisition phase, the voltage present on
each input pin (INP and INN) of PGIA is sampled independently.
Issuing a rising edge pulse on the CNV pin initiates a conversion.
The rising edge pulse on the CNV pin also asserts the BUSY
signal to indicate a conversion in progress. At the end of the
conversion, the BUSY signal is deasserted. The conversion result is
a 16-bit code representing the input voltage difference and an 8-bit
code representing the input common-mode voltage. Depending on
the device configuration, this conversion result can be processed
digitally and latched into the internal output register. The internal
ADC acquisition circuit on each input pin is also precharged to
the previous sample voltage, which minimizes the kick-back charge
to the input driver stage (PGIA). The host processor retrieves the
output code by the SDO pins that are internally connected to the
internal output register.
DIGITAL SAMPLE PROCESSING FEATURES
The ADAQ4216 supports several digital and data processing fea-
tures that can be applied to the signal samples. These features are
enabled and disabled by the control registers of the ADAQ4216.
Full-Scale Saturation
The conversion results saturate digitally (before any post-process-
ing) when either or both inputs exceed the analog limits specified
herein. After applying offset and gain scaling, the results are re-
duced to 16-bit representation (saturating at maximum 0x7FFF and
minimum 0x8000). A user must be avoid unintentional saturation,
especially when applying digital offset and/or gain scaling. For more
details on the use of these features, see the Digital Offset Adjust
and Digital Gain sections.
Common-Mode Output
When the host controller writes 0x1 to the OUT_DATA_MD bit field
of the modes register (for more details, see the Modes Register
section), an 8-bit code representing the input common-mode volt-
age is appended to the 16-bit code representing the input voltage
difference. The LSB size of the 8-bit code is VREF/256. The 8-bit
code saturates at 0 and 255 when the common mode input voltage
is 0V and VREF, respectively. The 8-bit code is not affected by
digital offset and gain scaling, which is applied only to the code
representing the input voltage difference.
Block Averaging
The ADAQ4216 provides a block averaging filter (SINC1) with
programmable block length 2N, N = 1, 2, 3, …, 16. The filter is reset
after processing each block of 2N samples. The filter is enabled by
writing 0x3 to the OUT_DATA_MD bit field of the modes register (for
more details, see the Modes Register section) as well as a value (1
≤ N ≤ 16) to the AVG_VAL bit field in the averaging mode register
(for more details, see the Averaging Mode Register section). In
this configuration, the output sample word is 32 bits. The 30 most
significant bits (MSBs) represent the numerical value of the 16-bit
codes averaged in blocks of 2N samples. The automatic scaling
allows the 16MSBs of the 30-bit code to be equal to the 16-bit
codes when averaging blocks of constant values. The 31st bit (OR)
is an overrange warning bit that is high when one or more samples
in the block are subject to saturation. The 32nd bit (SYNC) is high
once every 2N conversion cycles to indicate when the average
values are updated at the end of each block of samples. For more
details, see the Digital Sample Processing Features section.
The effective data rate in averaging mode is fCNV/2N. The reset
value of N in the AVG_VAL bit field is 0x00 (no averaging). Figure
109 shows an example timing diagram in averaging mode. Figure
86 shows the frequency response of the filter for an N = 1, 2, 3, 4,
5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com