công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 36 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 36 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 32Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 33Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 34Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 35Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 36Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 37Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 38Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 39Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
Data Sheet
ADAQ4216
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 36 of 61
REFERENCE CIRCUITRY DESIGN
The ADAQ4216 requires an external reference to define its in-
put range. This reference must be within 4.096V to 5V. The
optimal choice for a 4.096V reference is the ADR4540 or the
LTC6655LN-4.096, for a 5V reference, use the ADR4550 or
LTC6655LN-5. The µModule has several features that reduce the
charge pulled from the reference, which makes the ADAQ4216
much easier to use than the discrete implementations. The external
reference is connected to the REFIN pin, which has an internal
precision buffer that isolates the reference from the µModule circui-
try. The buffer has a high-input impedance and small input current
(5nA typical). The REFIN pin is also connected to a 500kΩ voltage
divider that generates the VOCM of the ADC driver, which draws
input current (10μA typical). An internal 2μF capacitor on the output
of the buffer provides optimal reference bypassing and simplifies
PCB design by reducing component count and layout sensitivity. An
RC circuit between the reference and the REFIN pin can be used to
filter reference noise (see Figure 97). Suggested values are 100Ω <
R < 1kΩ and C ≥ 10μF.
In applications where a burst of samples is taken after idling for
long periods, as shown in Figure 98, the reference current (IREF)
quickly goes from approximately 10µA to about of 12µA at 2MSPS.
This step in DC current draw triggers a transient response in the
reference that must be considered because any deviation in the
reference output voltage affects the accuracy of the output code. If
the reference is driving the REFIN pins, the internal buffer is able to
handle these transitions.
Figure 97. Reference with Noise Filter
Figure 98. CNV Waveform Showing Burst Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com