công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 44 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 44 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 40Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 41Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 42Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 43Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 44Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 45Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 46Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 47Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Data Sheet
ADAQ4216
SERIAL INTERFACE
analog.com
Rev. 0 | 44 of 61
arrangement is the same for SPI clock mode, echo clock mode, and
host clock mode. A 2-lane output data clocking mode is enabled
by writing 0x1 to the LANE_MD bit of the modes register (for more
details, see the Modes Register section). The host controller must
recombine the data coming from the SDO lanes to reconstruct the
original sample word. The number of SCK pulses required to clock
out the conversion data is reduced by one-half with respect to the
1-lane mode. Table 14 lists the active SDO lanes for 2-lane mode.
Example timing diagrams for 2-lane mode using SPI clock mode,
echo clock mode, and host clock mode are shown in the Data
Clocking Requirements and Timing section.
4-Lane Output Data Clocking Mode
When 4-lane output data clocking mode is enabled, the sample
word bits are split between four SDO lanes. Figure 114 shows how
the bits are allocated between the lanes for 4-lane mode. The bit
arrangement is the same for SPI clock mode, echo clock mode, and
host clock mode. A 4-lane output data clocking mode is enabled
by writing 0x2 to the LANE_MD bit of the modes register (for more
details, see the Modes Register section). The host controller must
recombine the data coming from the SDO lanes to reconstruct the
original sample word. The number of SCK pulses required to clock
out the conversion data is reduced by one-fourth with respect to the
1-lane output data clocking. The active SDO lanes for 4-lane mode
are shown in Table 14. Example timing diagrams for 4-lane mode
using SPI clock mode, echo clock mode, and host clock mode are
shown in the Data Clocking Requirements and Timing section.
Data Output Modes Summary
Table 14 is a summary of the supported data output modes of the
ADAQ4216.
Table 14. ADAQ4216 Supported Data Output Modes
Number of Lanes
Active SDO Lanes
Clock Mode
Supported Data Clocking
Mode
Output Sample Data-Word Length
1
SDO0
SPI
SDR only
16, 24 or 32
Echo
SDR and DDR
16, 24 or 32
Host
SDR and DDR
24 or 32
2
SDO0, SDO1
SPI
SDR only
16, 24 or 32
Echo
SDR and DDR
16, 24 or 32
Host
SDR and DDR
24 or 32
4
SDO0, SDO1, SDO2, SDO3
SPI
SDR only
16, 24 or 32
Echo
SDR and DDR
16, 24 or 32
Host
SDR and DDR
24 or 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com