công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 45 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 45 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 41Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 42Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 43Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 44Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 45Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 46Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 47Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 48Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Data Sheet
ADAQ4216
SERIAL INTERFACE
analog.com
Rev. 0 | 45 of 61
DATA CLOCKING REQUIREMENTS AND
TIMING
Basic and Averaging Conversion Cycles
Figure 108 shows the basic conversion cycle for a single sample.
This cycle applies to SPI clocking mode. When using echo clock
mode and host clock mode, the BUSY_SCKOUT pin function is
disabled and the bit clock is sourced on the BUSY_SCKOUT pin.
The data transfer must meet the requirements described in the
Sample Conversion Timing and Data Transfer section.
Table 15 contains the minimum and maximum values for the con-
version timing parameters, which apply to all clocking modes.
Table 15. Conversion Cycle Timing Parameters
Parameter
Min
Max
tCNVH
10ns
No specific maximum
tCNVL
20ns
No specific maximum
tCONV
264ns
300ns
The duration of the data transfer period is dependent on the sample
resolution, number of active lanes, SCK frequency, and data clock-
ing mode (SDR or DDR). The nominal value of the transfer duration
is given by
Data Transfer Duration=tTRANS= NBITSMLANES
× 1fSCK×1K seconds
where:
NBITS = number of bits to clock out.
MLANES = number of lanes used to clock out the data (1, 2, or 4).
fSCK = SCK clock frequency, in Hz.
K = 1 (SDR only, DDR not available for SPI mode clocking).
For a given fSCK, number of data lanes, sample word size, and
SDR/DDR mode, the minimum sample period when using Zone 1
for the data transfer is as follows:
Minimum Zone 1 Sample Period:
tCYC≥ NBITS
MLANES×fSCK×K
+tCONV+tQUIET_CNV_ADV
The minimum sample period when using Zone 2 for data transfer is
as follows:
 tCYC≥ NBITS
MLANES×fSCK×K
+tQUIET_CNV_DELAY
+tQUIET_CNV_ADV
Figure 109 shows a typical conversion cycle when the averaging
mode is active and SPI clocking mode is being used. The BUSY
signal is asserted for a number of CNV clock periods that are equal
to the configured number of samples to be averaged. The averaged
sample is available when the BUSY signal is deasserted. Similar to
nonaveraged mode, if the configured clocking mode is either echo
clock or host clock, the BUSY signal is replaced by the output bit
clock (SCKOUT). The host controller must manage the timing for
asserting CS.
Figure 108. Basic Single Sample Conversion Cycle
Figure 109. Example Conversion Cycle for Averaging Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com