16 / 19 page

CY7C145
CY7C144
16
Typical DC and AC Characteristics
1.4
1.0
0.4
4.0
4.5
5.0
5.5
6.0
−55
25
125
1.2
1.0
120
80
0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
OUTPUT VOLTAGE (V)
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
0.0
0.8
0.8
0.6
0.6
VCC =5.0V
VIN =5.0V
0
ICC
ICC
1.6
1.4
1.2
1.0
0.8
−55
125
NORMALIZED ACCESS TIME
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
1.4
1.3
1.2
1.0
0.9
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NORMALIZED ACCESS TIME
vs. SUPPLY VOLTAGE
120
140
100
60
40
20
0.0
1.0
2.0
3.0
4.0
0
80
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
VCC =5.0V
TA =25°C
0.6
0.8
VCC =5.0V
TA =25°C
1.25
1.0
0.75
10
0.50
NORMALIZED ICC vs. CYCLE TIME
CYCLE FREQUENCY (MHz)
25.0
30.0
20.0
10.0
5.0
0
200
400
600
800
0
15.0
SUPPLY VOLTAGE (V)
TYPICAL POWER-ON CURRENT
vs. SUPPLY VOLTAGE
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1000
28
0.2
0.6
1.2
ISB3
0.2
0.4
ISB3
25
1.1
VCC =4.5V
TA =25°C
VCC =5.0V
TA =25°C
VIN =0.5V
5.0
VCC =5.0V
TA =25°C
40
160
200
5.0
40
66
1.00
0.25
0
1.0
2.0
3.0
5.0
0.0
4.0
0.50
0.75