công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 14 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 14 Page - Cypress Semiconductor

Back Button CY7C144-35AI Datasheet HTML 10Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 11Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 12Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 13Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 14Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 15Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 16Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 17Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
CY7C145
CY7C144
14
Architecture
The CY7C144/5 consists of a an array of 8K words of 8/9 bits
each of dual-port RAM cells, I/O and address lines, and control
signals (CE, OE, R/W). These control pins permit indepen-
dent access for reads or writes to any location in memory. To
handle simultaneous writes/reads to the same location, a
BUSY pin is provided on each port. Two interrupt (INT) pins
can be utilized for port-to-port communication. Two sema-
phore (SEM) control pins are used for allocating shared re-
sources. With the M/S pin, the CY7C144/5 can function as
a Master (BUSY pins are outputs) or as a slave (BUSY pins
are inputs). The CY7C144/5 has an automatic power-down
feature controlled by CE. Each port is provided with its own
output enable control (OE), which allows data to be read
from the device.
Functional Description
Write Operation
Data must be set up for a duration of tSD before the rising
edge of R/W in order to guarantee a valid write. A write op-
eration is controlled by either the OE pin (see Write Cycle
No.1 waveform) or the R/W pin (see Write Cycle No. 2 wave-
form). Data can be written to the device tHZOE after the OE
is deasserted or tHZWE after the falling edge of R/W. Re-
quired inputs for non-contention operations are summarized
in
Table 1.
If a location is being written to by one port and the opposite
port attempts to read that location, a port-to-port flowthrough
delay must be met before the data is read on the output; oth-
erwise the data read is not deterministic. Data will be valid on
the port tDDD after the data is presented on the other port.
Read Operation
When reading the device, the user must assert both the OE
and CE pins. Data will be available tACE after CE or tDOE after
OE are asserted. If the user of the CY7C144/5 wishes to ac-
cess a semaphore flag, then the SEM pin must be asserted
instead of the CE pin.
Interrupts
The
interrupt flag (INT) permits communications between
ports.When the left port writes to location 1FFF, the right port’s inter-
rupt flag (INTR) is set. This flag is cleared when the right port reads
that same location. Setting the left port’s interrupt flag (INTL) is accom-
plished when the right port writes to location 1FFE. This flag is cleared
when the left port reads location 1FFE. The message at 1FFF or
1FFE is user-defined. See
Table 2 for input requirements for INT.
INTR and INTL are push-pull outputs and do not require pull-up resis-
tors to operate.
Busy
The CY7C144/5 provides on-chip arbitration to alleviate simul-
taneous memory location access (contention). If both ports’
CEs are asserted and an address match occurs within tPS of each
other the Busy logic will determine which port has access. If tPS is
violated, one port will definitely gain permission to the location, but it
is not guaranteed which one. BUSY will be asserted tBLA after an
address match or tBLC after CE is taken LOW. BUSYL and BUSYR
in master mode are push-pull outputs and do not require pull-up re-
sistors to operate.
Master/Slave
An M/S pin is provided in order to expand the word width by config-
uring the device as either a master or a slave. The BUSY output of
the master is connected to the BUSY input of the slave. This will allow
the device to interface to a master device with no external compo-
nents.Writing of slave devices must be delayed until after the BUSY
input has settled. Otherwise, the slave chip may begin a write cycle
during a contention situation.When presented a HIGH input, the M/S
pin allows the device to be used as a master and therefore the BUSY
line is an output. BUSY can then be used to send the arbitration out-
come to a slave.
Semaphore Operation
The CY7C144/5 provides eight semaphore latches which are
separate from the dual-port memory locations. Semaphores
are used to reserve resources that are shared between the two
ports.The state of the semaphore indicates that a resource is
in use. For example, if the left port wants to request a given
resource, it sets a latch by writing a 0 to a semaphore location.
The left port then verifies its success in setting the latch by
reading it. After writing to the semaphore, SEM or OE must be
deasserted for tSOP before attempting to read the semaphore. The
semaphore value will be available tSWRD + tDOE after the rising edge
of the semaphore write. If the left port was successful (reads a 0), it
assumes control over the shared resource, otherwise (reads a 1) it
assumes the right port has control and continues to poll the sema-
phore.When the right side has relinquished control of the semaphore
(by writing a 1), the left side will succeed in gaining control of the
semaphore. If the left side no longer requires the semaphore, a 1 is
written to cancel its request.
Semaphores are accessed by asserting SEM LOW. The SEM
pin functions as a chip enable for the semaphore latches (CE must
remain HIGH during SEM LOW). A0–2 represents the semaphore
address. OE and R/W are used in the same manner as a normal
memory access.When writing or reading a semaphore, the other ad-
dress pins have no effect.
When writing to the semaphore, only I/O0 is used. If a 0 is written
to the left port of an unused semaphore, a 1 will appear at the same
semaphore address on the right port. That semaphore can now only
be modified by the side showing 0 (the left port in this case). If the left
port now relinquishes control by writing a 1 to the semaphore, the
semaphore will be set to 1 for both sides. However, if the right port
had requested the semaphore (written a 0) while the left port had
control, the right port would immediately own the semaphore as soon
as the left port released it.
Table 3 shows sample semaphore oper-
ations.
When reading a semaphore, all eight/nine data lines output the
semaphore value. The read value is latched in an output reg-
ister to prevent the semaphore from changing state during a
write from the other port. If both ports attempt to access the
semaphore within tSPS of each other, the semaphore will definitely
be obtained by one side or the other, but there is no guarantee which
side will control the semaphore.
Initialization of the semaphore is not automatic and must be
reset during initialization program at power-up. All Sema-
phores on both sides should have a one written into them at
initialization from both sides to assure that they will be free
when needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com