công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 15 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C144-35AI Datasheet HTML 11Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 12Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 13Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 14Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 15Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 16Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 17Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 18Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 19Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
CY7C145
CY7C144
15
Table 1. Non-Contending Read/Write.
Inputs
Outputs
CE
R/W
OE
SEM
I/O0−7/8
Operation
H
X
X
H
High Z
Power-Down
H
H
L
L
Data Out
Read Data in
Semaphore
X
X
H
X
High Z
I/O Lines Disabled
H
X
L
Data In
Write to Semaphore
L
H
L
H
Data Out
Read
L
L
X
H
Data In
Write
L
X
X
L
Illegal Condition
Table 2. Interrupt Operation Example (assumes BUSYL=BUSYR=HIGH).
Left Port
Right Port
Function
R/W
CE
OE
A0−12
INT
R/W
CE
OE
A0−12
INT
Set Left INT
X
X
X
X
L
L
L
X
1FFE
X
Reset Left INT
X
L
L
1FFE
H
X
L
L
X
X
Set Right INT
L
L
X
1FFF
X
X
X
X
X
L
Reset Right INT
X
X
X
X
X
X
L
L
1FFF
H
Table 3. Semaphore Operation Example.
Function
I/O0-7/8 Left
I/O0-7/8 Right
Status
No action
1
1
Semaphore free
Left port writes semaphore
0
1
Left port obtains semaphore
Right port writes 0 to semaphore
0
1
Right side is denied access
Left port writes 1 to semaphore
1
0
Right port is granted access to semaphore
Left port writes 0 to semaphore
1
0
No change. Left port is denied access
Right port writes 1 to semaphore
0
1
Left port obtains semaphore
Left port writes 1 to semaphore
1
1
No port accessing semaphore address
Right port writes 0 to semaphore
1
0
Right port obtains semaphore
Right port writes 1 to semaphore
1
1
No port accessing semaphore
Left port writes 0 to semaphore
0
1
Left port obtains semaphore
Left port writes 1 to semaphore
1
1
No port accessing semaphore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com