công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 1 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 1 Page - Cypress Semiconductor

  CY7C144-35AI Datasheet HTML 1Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 2Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 3Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
8K x 8/9 Dual-Port Static RAM
with Sem, Int, Busy
fax id: 5205
CY7C145
CY7C144
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
November 1996
1CY 7C14 4
Features
• True Dual-Ported memory cells which allow
simultaneous reads of the same memory location
• 8K x 8 organization (CY7C144)
• 8K x 9 organization (CY7C145)
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 15ns
• Low operating power: ICC = 160 mA (max.)
• Fully asynchronous operation
• Automatic power-down
• TTL compatible
• Master/Slave select pin allows bus width expansion to
16/18 bits or more
• Busy arbitration scheme provided
• Semaphores included to permit software handshaking
between ports
• INT flag for port-to-port communication
• Available in 68-pin PLCC, 64-pin and 80-pin TQFP
• Pin compatible and functionally equivalent to
IDT7005/IDT7015
Functional Description
The CY7C144 and CY7C145 are high-speed CMOS 8K x 8
and 8K x 9 dual-port static RAMs. Various arbitration schemes
are included on the CY7C144/5 to handle situations when mul-
tiple processors access the same piece of data. Two ports are
provided permitting independent, asynchronous access for
reads and writes to any location in memory. The CY7C144/5
can be utilized as a standalone 64/72-Kbit dual-port static
RAM or multiple devices can be combined in order to function
as a 16/18-bit or wider master/slave dual-port static RAM. An
M/S pin is provided for implementing 16/18-bit or wider mem-
ory applications without the need for separate master and
slave devices or additional discrete logic. Application areas
include interprocessor/multiprocessor designs, communica-
tions status buffering, and dual-port video/graphics memory.
Each port has independent control pins: chip enable (CE),
read or write enable (R/W), and output enable (OE). Two flags,
BUSY and INT, are provided on each port. BUSY signals that the port
is trying to access the same location currently being accessed by the
other port. The interrupt flag (INT) permits communication between
ports or systems by means of a mail box. The semaphores are used
to pass a flag, or token, from one port to the other to indicate that a
shared resource is in use. The semaphore logic is comprised of eight
shared latches. Only one side can control the latch (semaphore) at
any time. Control of a semaphore indicates that a shared resource is
in use. An automatic power-down feature is controlled independently
on each port by a chip enable (CE) pin or SEM pin.
Notes:
1.
BUSY is an output in master mode and an input in slave mode.
2.
Interrupt: push-pull output and requires no pull-up resistor.
C144-1
R/W L
CEL
OEL
A 12L
A 0L
A 0R
A 12R
R/W R
CER
OER
CE R
OE R
CEL
OEL
R/W L
R/W R
I/O7L
I/O0L
I/O 7R
I/O 0R
INTERRUPT
SEMAPHORE
ARBITRATION
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
SEM L
SEM R
BUSYL
BUSYR
INT L
INT R
M/S
(7C145) I/O8L
I/O 8R(7C145)
Logic Block Diagram
[1, 2]
[1, 2]
[2]
[2]


Số phần tương tự - CY7C144-35AI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
CY7C144-35AI CYPRESS-CY7C144-35AI Datasheet
607Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144-35AI CYPRESS-CY7C144-35AI Datasheet
657Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Mô tả tương tự - CY7C144-35AI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com