công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 9 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C144-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 9Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 10Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 11Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 12Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CY7C145
CY7C144
9
Write Cycle No. 1: OE Three-State Data I/Os (Either Port)[21, 22, 23]
Write Cycle No. 2: R/W Three-State Data I/Os (Either Port)[21, 23, 24]
Notes:
21. The internal write time of the memory is defined by the overlap of CE or SEM LOW and R/W LOW. Both signals must be LOW to initiate a write, and either
signal can terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates
the write.
22. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or (tHZWE + tSD) to allow the I/O drivers to turn off and
data to be placed on the bus for the required tSD. If OE is HIGH during a R/W controlled write cycle (as in this example), this requirement does not apply
and the write pulse can be as short as the specified tPWE.
23. R/W must be HIGH during all address transitions.
24. Data I/O pins enter high impedance when OE is held LOW during write.
Switching Waveforms (continued)
C144-13
tAW
tWC
DATA VALID
HIGH IMPEDANCE
tSCE
tSA
tPWE
tHD
tSD
tHA
tHZOE
t
LZOE
SEM OR CE
R/W
ADDRESS
OE
DATA OUT
DATA IN
tAW
tWC
tSCE
tSA
tPWE
tHD
tSD
tHZWE
tHA
HIGH IMPEDANCE
SEM OR CE
R/W
ADDRESS
DATA OUT
DATA IN
tLZWE
DATAVALID
C144-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com