công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 6 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C144-35AI Datasheet HTML 2Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 3Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 9Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CY7C145
CY7C144
6
AC Test Loads and Waveforms
3.0V
GND
90%
90%
10%
≤ 3ns
≤ 3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load1)
5V
OUTPUT
C= 30 pF
VTH =1.4V
OUTPUT
C=30pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 3)
C = 30 pF
OUTPUT
Load (Load 2)
C144-5
C144-6
C144-7
C144-8
C144-9
5V
OUTPUT
C= 5 pF
R1=893
Ω
R2=347
Ω
RTH =250Ω
R1=893
Ω
R2=347
Ω
Switching Characteristics Over the Operating Range[9]
7C144-15
7C145-15
7C144-25
7C145-25
7C144-35
7C145-35
7C144-55
7C145-55
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
25
35
55
ns
tAA
Address to Data Valid
15
25
35
55
ns
tOHA
Output Hold From Address
Change
33
33
ns
tACE
CE LOW to Data Valid
15
25
35
55
ns
tDOE
OE LOW to Data Valid
10
15
20
25
ns
tLZOE
[10, 11,12]
OE Low to Low Z
3
3
3
3
ns
tHZOE
[10, 11,12]
OE HIGH to High Z
10
15
20
25
ns
tLZCE
[10, 11,12]
CE LOW to Low Z
3
3
3
3
ns
tHZCE
[10, 11,12]
CE HIGH to High Z
10
15
20
25
ns
tPU
[12]
CE LOW to Power-Up
0
0
0
0
ns
tPD
[12]
CE HIGH to Power-Down
15
25
35
55
ns
Notes:
9.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOI/IOH and 30-pF load capacitance.
10. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
11.
Test conditions used are Load 3.
12. This parameter is guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com