công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 7 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C144-35AI Datasheet HTML 3Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 9Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 10Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY7C145
CY7C144
7
WRITE CYCLE
tWC
Write Cycle Time
15
25
35
55
ns
tSCE
CE LOW to Write End
12
20
30
45
ns
tAW
Address Set-Up to Write End
12
20
30
45
ns
tHA
Address Hold From Write
End
22
22
ns
tSA
Address Set-Up to Write
Start
00
00
ns
tPWE
Write Pulse Width
12
20
25
40
ns
tSD
Data Set-Up to Write End
10
15
15
25
ns
tHD
Data Hold From Write End
0
0
0
0
ns
tHZWE
[11,12]
R/W LOW to High Z
10
15
20
25
ns
tLZWE
[11,12]
R/W HIGH to Low Z
3
3
3
3
ns
tWDD
[13]
Write Pulse to Data Delay
30
50
60
70
ns
tDDD
[13]
Write Data Valid to Read
Data Valid
25
30
35
40
ns
BUSY TIMING[14]
tBLA
BUSY LOW from Address
Match
15
20
20
30
ns
tBHA
BUSY HIGH from Address
Mismatch
15
20
20
30
ns
tBLC
BUSY LOW from CE LOW
15
20
20
30
ns
tBHC
BUSY HIGH from CE HIGH
15
20
20
30
ns
tPS
Port Set-Up for Priority
5
5
5
5
ns
tWB
R/W LOW after BUSY LOW
0
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH
13
20
30
30
ns
tBDD
BUSY HIGH to Data Valid
15
25
35
55
ns
INTERRUPT TIMING[14]
tINS
INT Set Time
15
25
25
35
ns
tINR
INT Reset Time
15
25
25
35
ns
SEMAPHORE TIMING
tSOP
SEM Flag Update Pulse (OE
or SEM)
10
10
15
20
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
5
ns
tSPS
SEM Flag Contention
Window
55
55
ns
Notes:
13. For information on part-to-part delay through RAM cells from writing port to reading port, refer to Read Timing with Port-to-Port Delay waveform.
14. Test conditions used are Load 2.
Switching Characteristics Over the Operating Range[9] (continued)
7C144-15
7C145-15
7C144-25
7C145-25
7C144-35
7C145-35
7C144-55
7C145-55
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com