| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5366-PI bảng dữ liệu(PDF) 113 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI bảng dữ liệu(HTML) 113 Page - PMC-Sierra, Inc |
|
113 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 101 Table 4 - Asynchronous E1 Tributary Mapping V5 R 32 bytes - 8I R J2 C1C2OOOORR 32 bytes – 8I R Z6 C1C2OOOORR 32 bytes – 8I R Z7 C1C2RRRRRS1 S2I I I I I I I 31 bytes – 8I R R: Fixed Stuff bit - set to logic ‘0’ or ‘1’ C: Stuff Control bit - set to logic ‘1’ for stuff indication S: Stuff Opportunity bit - when stuff control bit is ‘0’, stuff opportunity is I bit O: Overhead I: E1 payload information The RTDM buffers the tributary synchronous payload envelope bytes of the incoming tributaries in individual FIFOs to accommodate tributary pointer justifications. The RTDM performs majority voting on the tributary stuff control (C1, C2) bits. If the majority of each set of the stuff control bits indicate a stuff operation, then the associated stuff opportunity bit (S1, S2) will not carry T1 or E1 payload. |