| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5366-PI bảng dữ liệu(PDF) 110 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI bảng dữ liệu(HTML) 110 Page - PMC-Sierra, Inc |
|
110 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 98 Expected PSL Accepted PSL PSLM State 001 000 Mismatch 001 001 Match 001 PDI Code Match 001 XXX ≠ 000, 001, PDI Code Match PDI Code 000 Mismatch PDI Code 001 Match PDI Code PDI Code Match PDI Code XXX ≠ 000, 001, PDI Code Mismatch XXX ≠ 000, 001, PDI Code 000 Mismatch XXX ≠ 000, 001, PDI Code 001 Match XXX ≠ 000, 001, PDI Code XXX Match XXX ≠ 000, 001, PDI Code YYY Mismatch Each time an incoming PSL differs from the one in the previous multiframe, the PSL unstable counter is incremented. Thus, a single bit error in the PSL in a sequence of constant PSL values will cause the counter to increment twice, once on the errored PSL and again on the first error-free PSL. The incoming PSL is considered unstable when the counter reaches five. The counter is cleared when the same PSL is received for five consecutive multiframes. 9.24 Receive Tributary Trace Buffer (RTTB) When configured for SONET compatible operation, each one of three receive tributary trace buffers (RTTB) processes the tributary trace message of all the tributaries in an STS-1 stream. Each of the seven tributary groups (VT groups) may be independently configured to accept any of the four tributary types (VT1.5, VT2, VT3, and VT6). The RTTB extracts tributary trace message from each tributary and stores it in one of a set of internal buffers. The RTTB may be configured for SDH compatible operation. The incoming stream may carry an AU3 of an STM1 stream or a TUG3 in an AU4 of an STM1 stream. |